Electronic Components Datasheet Search
  English  ▼

X  

PBIH Datasheet(PDF) 2 Page - Powerbox

Part # PBIH
Description  1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBIH Datasheet(HTML) 2 Page - Powerbox

  PBIH Datasheet HTML 1Page - Powerbox PBIH Datasheet HTML 2Page - Powerbox PBIH Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
91
PBIH Series
15-150 W A TTS DC/DC SINGLE OUTPUT
PBIH-F
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PBIH-1205F
9.2-16V
5V
3A
15W
PBIH-1212F
9.2-16V
12V
1.2A
15W
PBIH-1215F
9.2-16V
15V
1A
15W
PBIH-1224F
9.2-16V
24V
0.62A
15W
PBIH-2405F
19-32V
5V
3A
15W
PBIH-2412F
19-32V
12V
1.2A
15W
PBIH-2415F
19-32V
15V
1A
15W
PBIH-2424F
19-32V
24V
0.62A
15W
PBIH-4805F
38-63V
5V
3A
15W
PBIH-4812F
38-63V
12V
1.2A
15W
PBIH-4815F
38-63V
15V
1A
15W
PBIH-4824F
38-63V
24V
0.62A
15W
PBIH-11005F
85-140V
5V
3A
15W
PBIH-11012F
85-140V
12V
1.2A
15W
PBIH-11015F
85-140V
15V
1A
15W
PBIH-11024F
85-140V
24V
0.62A
15W
PBIH-1205G
9.2-16V
5V
5A
25W
PBIH-1212G
9.2-16V
12V
2.1A
25W
PBIH-1215G
9.2-16V
15V
1.7A
25W
PBIH-1224G
9.2-16V
24V
1.1A
25W
PBIH-1248G
9.2-16V
48V
0.5A
25W
PBIH-2405G
19-32V
5V
5A
25W
PBIH-2412G
19-32V
12V
2.1A
25W
PBIH-2415G
19-32V
15V
1.7A
25W
PBIH-2424G
19-32V
24V
1.1A
25W
PBIH-2448G
19-32V
48V
0.5A
25W
PBIH-4805G
38-63V
5V
5A
25W
PBIH-4812G
38-63V
12V
2.1A
25W
PBIH-4815G
38-63V
15V
1.7A
25W
PBIH-4824G
38-63V
24V
1.1A
25W
PBIH-4848G
38-63V
48V
0.5A
25W
PBIH-11005G
85-140V
5V
5A
25W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PBIH-11012G
85-140V
12V
2.1A
25W
PBIH-11015G
85-140V
15V
1.7A
25W
PBIH-11024G
85-140V
24V
1.1A
25W
PBIH-11048G
85-140V
48V
0.5A
25W
PBIH-1205J
9.2-16V
5V
8A
40W
PBIH-1212J
9.2-16V
12V
3.3A
40W
PBIH-1215J
9.2-16V
15V
2.7A
40W
PBIH-1224J
9.2-16V
24V
1.7A
40W
PBIH-1248J
9.2-16V
48V
0.8A
40W
PBIH-2405J
19-32V
5V
10A
50W
PBIH-2412J
19-32V
12V
4.3A
50W
PBIH-2415J
19-32V
15V
3.4A
50W
PBIH-2424J
19-32V
24V
2.5A
50W
PBIH-2448J
19-32V
48V
1A
50W
PBIH-4805J
38-63V
5V
10A
50W
PBIH-4812J
38-63V
12V
4.3A
50W
PBIH-4815J
38-63V
15V
3.4A
50W
PBIH-4824J
38-63V
24V
2.5A
50W
PBIH-4848J
38-63V
48V
1A
50W
PBIH-11005J
85-140V
5V
10A
50W
PBIH-11012J
85-140V
12V
4.3A
50W
PBIH-11015J
85-140V
15V
3.4A
50W
PBIH-11024J
85-140V
24V
2.5A
50W
PBIH-11048J
85-140V
48V
1A
50W
PBIH-1205M
9.2-16V
5V
18A
100W
PBIH-1212M
9.2-16V
12V
9A
100W
PBIH-1215M
9.2-16V
15V
7A
100W
PBIH-1224M
9.2-16V
24V
4.5A
100W
PBIH-1248M
9.2-16V
48V
2A
100W
PBIH-2405M
19-32V
5V
20A
100W
PBIH-2412M
19-32V
12V
9A
100W
PBIH-2415M
19-32V
15V
7A
100W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PBIH-2424M
19-32V
24V
5A
100W
PBIH-2448M
19-32V
48V
2A
100W
PBIH-4805M
38-63V
5V
20A
100W
PBIH-4812M
38-63V
12V
9A
100W
PBIH-4815M
38-63V
15V
7A
100W
PBIH-4824M
38-63V
24V
5A
100W
PBIH-4848M
38-63V
48V
2A
100W
PBIH-11005M 85-140V
5V
20A
100W
PBIH-11012M 85-140V
12V
9A
100W
PBIH-11015M 85-140V
15V
7A
100W
PBIH-11024M 85-140V
24V
5A
100W
PBIH-11048M 85-140V
48V
2A
100W
PBIH-1205R
9.2-16V
5V
27A
150W
PBIH-1212R
9.2-16V
12V
13A
150W
PBIH-1215R
9.2-16V
15V
10A
150W
PBIH-1224R
9.2-16V
24V
6.5A
150W
PBIH-1248R
9.2-16V
48V
3.3A
150W
PBIH-2405R
19-32V
5V
30A
150W
PBIH-2412R
19-32V
12V
14A
150W
PBIH-2415R
19-32V
15V
11A
150W
PBIH-2424R
19-32V
24V
7A
150W
PBIH-2448R
19-32V
48V
3.5A
150W
PBIH-4805R
38-63V
5V
30A
150W
PBIH-4812R
38-63V
12V
14A
150W
PBIH-4815R
38-63V
15V
11A
150W
PBIH-4824R
38-63V
24V
7A
150W
PBIH-4848R
38-63V
48V
3.5A
150W
PBIH-11005R
85-140V
5V
30A
150W
PBIH-11012R
85-140V
12V
14A
150W
PBIH-11015R
85-140V
15V
11A
150W
PBIH-11024R
85-140V
24V
7A
150W
PBIH-11048R
85-140V
48V
3.5A
150W
SELECTION TABLE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com