Electronic Components Datasheet Search
  English  ▼

X  

PBK2H Datasheet(PDF) 1 Page - Powerbox

Part # PBK2H
Description  7 0 WAT T S M O B I L E C O N V E R T E R
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBK2H Datasheet(HTML) 1 Page - Powerbox

  PBK2H Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
93
MODEL
NUMBER
VOLTAGE
NOMINAL
VOLTAGE
RANGE
PRESET
VOLTS
VOLTS ADJ
RANGE
CONT
AMPS
PBK2H-1212L
12
10 – 14.4
13.8
11.8 – 14.0
5.0
PBK2H-1224L
12
10 – 14.4
24.0
23.5 – 28.0
3.0
PBK2H-1248L
12
10 – 14.4
48.0
47.0 – 56.0
1.5
PBK2H-3612L
24..48
21 – 60
13.8
11.8 – 14.0
5.0
PBK2H-3624L
24..48
21 – 60
24.0
23.5 – 28.0
3.0
PBK2H-2448L
24
21 – 60
48.0
47.0 – 56.0
1.5
PBK2H-9012L
72..110
60 – 132
13.8
11.8 – 14.0
5.0
PBK2H-9024L
72..110
60 – 132
24.0
23.5 – 28.0
3.0
PBK2H-9048L
72..110
60 – 132
48.0
47.0 – 56.0
1.5
SELECTION TABLE
ENVIRONMENTAL
Operating temperature
0°C to 40°C at full load
Derating
Derate 50% linearly to 50°C
Storage temperature
-25°C to 85°C
Humidity
Up to 85% non condensing
Cooling
Convection cooled
MECHANICAL
Dimensions
180x76x35mm
Weight
600g
Mounting
Prepared holes, M5 164x66mm centres and
threaded holes M3 164x46mm centres
Connections
Terminal block screw clamp max. wire 4mm2
INPUT
Input voltage
12VDc (10-14-4)
24-48VDc (21-60)
72-110VDc (60-132)
OUTPUT
Output voltage
See table
Output voltage adjustment
±10% or nominal
Ripple & noise
1% pk-pk
Load regulation
<0.7%, 0%–100% load change
Line regulation
<0.5% over input range
Current limiting
Self resetting on overload
Short circuit protection
Fuse protected
OPERATING
Efficiency
80%–85%
Isolation
Input – Output: 1000VDC; Input – Ground:
1000VDC; Output – Ground: 1000VDC
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMI standards
CISPR 22 compliant
PBK2H
FEATURES
•
Input/output isolated
•
Efficient, typically 80-85%
•
Input/Output via screw/clamp terminal block
•
Fully regulated output voltage
•
Short circuit protection
•
Reverse polarity protection
•
Input voltage transient protection
PBK2H Series
7 0 W A T T S M O B I L E C O N V E R T E R
SPECIFICATIONS


Similar Part No. - PBK2H

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBK2H-1212L POWERBOX-PBK2H-1212L Datasheet
729Kb / 1P
70W MOBILE CONVERTERS
PBK2H-1224L POWERBOX-PBK2H-1224L Datasheet
729Kb / 1P
70W MOBILE CONVERTERS
PBK2H-1248L POWERBOX-PBK2H-1248L Datasheet
729Kb / 1P
70W MOBILE CONVERTERS
PBK2H-2448L POWERBOX-PBK2H-2448L Datasheet
729Kb / 1P
70W MOBILE CONVERTERS
PBK2H-3612L POWERBOX-PBK2H-3612L Datasheet
729Kb / 1P
70W MOBILE CONVERTERS
More results

Similar Description - PBK2H

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1630-1660CT ETL-GESBL1630-1660CT Datasheet
330Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL630-660CT ETL-GJSBL630-660CT Datasheet
430Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
B62SR POWERBOX-B62SR Datasheet
957Kb / 2P
3 0 0 WAT T S D C / D C C O N V E R T E R
DVC75 POWERBOX-DVC75 Datasheet
85Kb / 2P
4 0 - 7 7 WAT T S D C / D C C O N V E R T E R
PB315 POWERBOX-PB315 Datasheet
142Kb / 1P
5 0 0 WAT T S R O L L I N G S T O C K D C / D C C O N V E R T E R
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
T E L E C O M R E C T I F I E R S Y S T E M S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com