Electronic Components Datasheet Search
  English  ▼

X  

NCP81040 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP81040
Description  Programmable Multi-Phase Synchronous Buck Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81040 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP81040 Datasheet HTML 9Page - ON Semiconductor NCP81040 Datasheet HTML 10Page - ON Semiconductor NCP81040 Datasheet HTML 11Page - ON Semiconductor NCP81040 Datasheet HTML 12Page - ON Semiconductor NCP81040 Datasheet HTML 13Page - ON Semiconductor NCP81040 Datasheet HTML 14Page - ON Semiconductor NCP81040 Datasheet HTML 15Page - ON Semiconductor NCP81040 Datasheet HTML 16Page - ON Semiconductor NCP81040 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
NCP81040
www.onsemi.com
13
The CPU current can also be monitored over the I2C
Interface. The current limit and the load−line can be adjusted
from the circuit component values over the I2C Interface.
Current Limit Set−Point
The current limit threshold on the NCP81040 is
programmed by a resistor between the ILIMFS pin and the
CSCOMP pin. The ILIMFS current, IILIMFS, is compared
with an internal current reference of 20
mA. If IILIMFS
exceeds 20
mA then the output current has exceeded the limit
and the current limit protection is tripped.
I
ILIMFS +
V
ILIMFS * VCSCOMP
R
ILIMFS
(eq. 1)
Where VILIMFS = VCSREF
V
CSREF * VCSCOMP +
R
CS
R
PH
R
L
I
LOAD
(eq. 2)
I
ILIMFS +
V
CSREF * VCSCOMP
R
ILIMFS
Assuming that:
R
CS
R
PH
R
L + 1mW
(eq. 3)
i.e. the external circuit is set up for a 1 m
W load−line then
the RILIMFS is calculated as follows:
I
ILIMFS +
1m
W
I
LOAD
R
ILIMITFS
(eq. 4)
Assuming we want a current limit of 150 A that means that
ILIMFS must equal 25
mA at that load.
25
mA +
1m
W
150 A
R
ILIMITFS
+ 6kW
(eq. 5)
Solving this equation for RLIMITFS we get 6 k
W.
The current limit threshold can be modified from the
resistor programmed value by using the I2C interface using
Bits <4:0> of the Current Limit Threshold command
(0xE2). The limit is programmable between 50% of the
external limit and 146.7% of the external limit. The
resolution is 3.3%. Table 3 gives some examples codes.
Table 3. Current Limit
Code
Current Limit (% of External Limit)
0 0000
50%
0 0001
53.3%
1 0000
100% = default
1 0001
103.3%
1 1110
143.3%
1 1111
146.7%
Current Limit, Short−Circuit and Latchoff Protection
If the current limit is reached and TD5 has completed, an
internal latchoff delay time will start, and the controller will
shut down if the fault is not removed. This delay is four times
longer than the delay time during the startup sequence. The
current limit delay time only starts after TD5 has completed.
If there is a current limit during startup, the NCP81040 will
go through TD1 to TD5 and then start the latchoff time.
Because the controller continues to cycle the phases during
the latchoff delay time, if the short is removed before the
timer is complete, the controller can return to normal
operation.
The latchoff function can be reset by either removing/
reapplying the supply voltage to the NCP81040, or by
toggling the EN pin low for a short time.
During startup when the output voltage is below 200 mV,
a secondary current limit is active. This is necessary because
the voltage swing of CSCOMP cannot go below ground.
This secondary current limit limits the internal COMP
voltage to the PWM comparators to 1.5 V. This limits the
voltage drop across the low−side MOSFETs through the
current balance circuitry. Typical overcurrent latchoff
waveforms are shown in Figure 9.
Figure 9. Overcurrent Latchoff Waveforms
An inherent per phase current limit protects individual
phases if one or more phases stop functioning because of a
faulty component. This limit is based on the maximum
normal mode COMP voltage.
Output Current Monitor
IMON is an analog output from the NCP81040
representing the total current being delivered to the load. It
outputs an accurate current that is directly proportional to
the current set by the ILIMFS resistor.
I
IMON + 10
I
ILIMFS
(eq. 6)
The current is then run through a parallel RC connected
from the IMON pin to the FBRTN pin to generate an
accurately scaled and filtered voltage as per the
specification. The size of the resistor is used to set the IMON
scaling.
The scaling is set such that IMON = 900 mV at the TDC
current of the processor. This means that the RIMON resistor
should be chosen as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com