Electronic Components Datasheet Search
  English  ▼

X  

ASM161JCUSF Datasheet(PDF) 5 Page - ON Semiconductor

Part # ASM161JCUSF
Description  Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM161JCUSF Datasheet(HTML) 5 Page - ON Semiconductor

  ASM161JCUSF Datasheet HTML 1Page - ON Semiconductor ASM161JCUSF Datasheet HTML 2Page - ON Semiconductor ASM161JCUSF Datasheet HTML 3Page - ON Semiconductor ASM161JCUSF Datasheet HTML 4Page - ON Semiconductor ASM161JCUSF Datasheet HTML 5Page - ON Semiconductor ASM161JCUSF Datasheet HTML 6Page - ON Semiconductor ASM161JCUSF Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ASM161, ASM162
http://onsemi.com
5
PACKAGE DIMENSIONS
SOT−143, 4 Lead
CASE 527AF−01
ISSUE A
E1
E
A1
e
e1
b
b2
D
c
A
A2
TOP VIEW
SIDE VIEW
END VIEW
L1
L2
L
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC TO-253.
SYMBOL
θ
MIN
NOM
MAX
q
0°
8°
A
A1
A2
b
b2
c
D
E
e
L
L1
0.05
0.75
0.30
0.76
0.40
0.08
2.80
2.10
1.92 BSC
0.54 REF
1.22
0.15
1.07
0.50
0.89
0.60
0.20
3.04
2.64
0.50
0.90
2.90
e1
0.20 BSC
E1
1.20
1.40
1.30
L2
0.25
0.80
12
43



Html Pages

1 2 3 4 5 6 7