Electronic Components Datasheet Search
  English  ▼

X  

ES300 Datasheet(PDF) 1 Page - Powerbox

Part # ES300
Description  3 0 0 WAT T S P R O G R A M M A B L E D C S U P P LY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

ES300 Datasheet(HTML) 1 Page - Powerbox

  ES300 Datasheet HTML 1Page - Powerbox ES300 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. ES300 Rev.E 18-9-15
ES 300 Series
3 0 0 W A T T S P R O G R A M M A B L E D C S U P P L Y
FEATURES
• 300W Laboratory Supply
• 0 to 30Vdc and 0 - 10A
• Very Low Output Ripple
• EMC surpasses CE requirements
• Low emissions & high immunity
• High programming speed
• Excellent dynamic response to load changes
• Protected against all overload and short circuit conditions
• Designed for a long life at full power
• Master/Slave parallel
• Series operation with voltage and current sharing
• Voltage and current control with 10 turn potentiometers
• 19' rack mounting or laboratory use (feet included)
• Remote sensing
SPECIFICATIONS
INPUT
Input voltages
90 - 265Vac
Fuse 5 A T
Input Frequency
48 - 62Hz
Power Factor
Better than 0.97
Inrush Current
Limited with NTC resistor of 16 ohms cold
resistance
OUTPUT
Output Voltage
0 to 30Vdc
Output Current
0 to 10A
Digital Meters
0 - 30.0V / 0 - 10.00A, 0.5% + 2 dig
Monitor Voltage
0 - 5V, offset 0 to +7mV, full scale error +/-0.2%
Monitor Current
0 - 5V, offset -5 to 0mV, full scale error+/-0.5%
Reference Voltage
5.165V +/-31mV, TC12ppm typ, 30ppm max
CC status output
+5V (or 5mA) when in CC mode
Limits
Voltage adjust range: 0 - 102%
Current adjust range: 0 - 102%
Voltage Regulation
Load 0 - 100%, 10mV
Line 100-260Vac 1mV
Current Regulation
Load 0 - 100%, 4mA
Line 200-26VAC, 1mA
Ripple & Noise
CV: 5mV rms, 15mV p-p
CC: 6mA rms, 15mA p-p
Output Impedance
Less than 0.3ohm up to 100kHz(I out > 0.5A)
Recovery Time
50 µs (after 50-100% load step)
Hold up time
18 ms full load, 50 ms half load
Remote Sensing
Is not provided
Over voltage limit
Fixed at 34V (int. adjust, 6-34V)
Thermal protection
Shuts down output in case of insufficient cooling
MECHANICAL
Dimensions
52 x 224 x 333mm
Weight
3.1kg
Degree of Protection
Enclosure IP20
PROGRAMMING
V and I control
10-turn potmeters, res 0.03%
Programming Inputs
Voltage: 0-5V, offset -3 to +10mV
Full scale error +/-0.2%
Current: 0-5V, offset 0 to +20mV
Full scale error +/-0.5%
Input impedance 1Mohm
Prog. response time
Up to 0-30V, 1ms Down 30-5V 2ms
with load 3 Ohm
OPTIONAL FEATURES
Software Control
and Interfaces
P179 - Ethernet controller (incl sequencer)
P180 - RS232 controller
P281 - PROFIBUS contoller
P282 - CANBUS controller
External programming
interface modules
IEEE488 controller module
ISO AMP module
OPERATING
Efficiency
> 86%
Remote ShutDown
+5V (3.5 - 12V) or relay contact, response time
3ms
Series Operation
Normal and Master/Slave series operation is
possible.
For fast and easy operation the M/S Series
Adapter is recommended
Parallel Operation
No limitations. Normal and Master/Slave
parallel
operation is possible
Insulation
Input to Output: 4.0KVAC (1 min)
Input to Case: 2.5KVAC (1 min)
Output to Case: 600VDC
MTBF
500,000 hrs
Operating Temperature
-20°C to +50°C
Storage Temperature
-40°C to +85°C
STANDARDS
Safety
EN60950 / EN61010
Current adjust range: 0 - 102%
EMC
EN61204-3 Power Supply Standard
EN61000-6-3 (EN55022B) Generic Emission
EN61000-6-2 Generic Immunity


Similar Part No. - ES300

ManufacturerPart #DatasheetDescription
logo
EPCOS
ES300XN EPCOS-ES300XN Datasheet
132Kb / 4P
Surge arrester 2-electrode arrester
ES300XP EPCOS-ES300XP Datasheet
125Kb / 4P
Surge arrester 2-electrode arrester
ES300XPA EPCOS-ES300XPA Datasheet
124Kb / 4P
Surge arrester 2-electrode arrester
ES300XSMD EPCOS-ES300XSMD Datasheet
128Kb / 4P
Surge arrester 2-electrode arrester
More results

Similar Description - ES300

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC2146 ETL-GSC2146 Datasheet
353Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2156 ETL-GSC2156 Datasheet
365Kb / 7P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2166 ETL-GSC2166 Datasheet
352Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2176 ETL-GSC2176 Datasheet
365Kb / 7P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GT2113 ETL-GT2113 Datasheet
523Kb / 7P
3 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Powerbox
PBAMR1 POWERBOX-PBAMR1 Datasheet
384Kb / 2P
1 0 WAT T S - A C / D C D I N R A I L S U P P LY
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
ACE POWERBOX-ACE Datasheet
405Kb / 5P
3 0 0 - 9 0 0 WAT T S - A C / D C M O D U L A R O U T P U T
PMC POWERBOX-PMC Datasheet
1Mb / 3P
3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
PSP POWERBOX-PSP Datasheet
48Kb / 1P
2 0 0 WAT T P R O G R A M A B L E S W I T C H I N G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com