Electronic Components Datasheet Search
  English  ▼

X  

PB314 Datasheet(PDF) 1 Page - Powerbox

Part # PB314
Description  6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PB314 Datasheet(HTML) 1 Page - Powerbox

  PB314 Datasheet HTML 1Page - Powerbox PB314 Datasheet HTML 2Page - Powerbox PB314 Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Doc. No. PB314 Series Rev.J 29-9-15
PB314 Series
6 3 6 - 7 4 5 W A T T S B A T T E R Y C H A R G E R S Y S T E M
FEATURES
•
636 - 745W
•
PSU for Battery Backup
•
DC UPS Connectable
•
Constant Float Voltage & Current Limit
•
Circuit Breaker & Alarm Relays
•
Optional LVD - Low Volts Battery Disconnect
•
OPERATIONS & INSTALLATION HANDBOOK AVAILABLE
SPECIFICATIONS
INPUT
Input Voltage
85-264Vac or 120-360Vdc
Frequency:
47 to 63 Hz
Input Current:
4.1A typical at 200Vac
Inrush current:
40A typical cold start 200Vac
Line regulation
60mV maximum
OUTPUT
Output Voltage
13.8Vdc, 27.6Vdc
Output Power
636W - 745W
Output Current
See Selection Table
Efficiency
79% typical
Load regulation
1% typical
Ripple
160mVp-p max
Noise
180mVp-p max
PROTECTION
Overvoltage shutdown
16.2 to 19.8V latching
Output short circuit
Indefinite protection (Autoresetting)
Battery charger short circuit Indefinite protection (Autoresetting)
Load output protection
Thermal - Magnetic Circuit Breaker
Battery output protection
Thermal - Magnetic Circuit Breaker.
Isolation
Input - Output: 3KVac 1 min
Input - Ground: 2KVac 1 min
Output - Ground: 500Vac 1min
ENVIRONMENT
Operating temperature
-20°C to 71°C
Derating from 50°C to 71°C to 50% power
Humidity
20-90% relative humidity (non condensing)
Cooling
Forced cooling - internal fan
DISPLAYS AND ALARMS
DC OK
LED Green On = OK, Voltage-free changeover
contact (32V, 1A).Alarm on failure of AC/DC PSU
and tripping of over temperature limit.
AC OK
LED Green On = OK, Voltage-free changeover
contact (32V, 1A). Alarm on mains fail.
Battery Ok
LED Green On = OK, Voltage-free changeover
contact(32V, 1A). Alarm on battery low voltage or
on opening of battery circuit breaker.
Battery low alarm voltage -11.0Vdc
Battery Low Voltage
Disconnect
Option LVD:
Battery LVD disconnect 10.5V
Battery LVD reconnect 12.0Vdc
Voltage meter
0 to 15Vdc
Load current meter
0 to 100A
Battery current meter
-100A to +100A scale.
OPTIONAL FEATURES
Battery Charge Limit
Option BCL: Specify battery charge current based
on battery size.
Battery LVD disconnect
Option LVD: For 12V and 24V models, not
available in 48V models.
STANDARDS & APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A.
Safety
UL 60950 Class 1
EMC
Emissions comply with AS/NZ CISPR22 Class-B
MECHANICAL
AC input socket
IEC320 fused / on off switch
Output termination
Hirose connector (-H version)
Cage clamp terminals (-C version)
Alarm relay contacts
DB25 socket
Load fault current
proteciton breaker
63 A
Battery fault current
protection breaker
63 A
Rack mount size
264 L x 172 W x 67 H mm
Weight
5.0Kg


Similar Part No. - PB314

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PB314005 MACOM-PB314005 Datasheet
152Kb / 2P
Miniature Power PCB Relay PB
PB314006 MACOM-PB314006 Datasheet
152Kb / 2P
Miniature Power PCB Relay PB
PB314012 MACOM-PB314012 Datasheet
152Kb / 2P
Miniature Power PCB Relay PB
PB314024 MACOM-PB314024 Datasheet
152Kb / 2P
Miniature Power PCB Relay PB
logo
Powerbox
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
More results

Similar Description - PB314

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PBN6C POWERBOX-PBN6C Datasheet
247Kb / 1P
3 5 - 4 0 WAT T S T H R E E S T E P C H A R G E R
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
B AT T E R Y C H A R G E R
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PBN7C POWERBOX-PBN7C Datasheet
257Kb / 1P
7 4 - 2 9 4 WAT T S T H R E E S T E P C H A R G E R
PBN11C POWERBOX-PBN11C Datasheet
296Kb / 2P
2 7 4 WAT T S - T H R E E S T E P C H A R G E R
PBN14C POWERBOX-PBN14C Datasheet
112Kb / 1P
6 0 WAT T T H R E E S T E P C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
T H R E E S T E P B AT T E R Y C H A R G E R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com