Electronic Components Datasheet Search
  English  ▼

X  

PBCBAT Datasheet(PDF) 1 Page - Powerbox

Part # PBCBAT
Description  1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBCBAT Datasheet(HTML) 1 Page - Powerbox

  PBCBAT Datasheet HTML 1Page - Powerbox PBCBAT Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. PBRC Rev.F 4-6-2013
31
PBCBAT Series
150-300 W A TTS - AC/DC SINGLE OUTPUT
FEATURES
•
PFC function, PF>0.98@115Vac; >0.95@230Vac
•
Universal AC input / full range.
•
Approval: ETS/EMC/CE.
•
100% full load burn-in test.
•
Protections: overload/ over voltage/ short
circuit.
INPUT
Voltage
85-264VAC
Frequency
47-63Hz.
Inrush current
Cold start, 20A/115V, 40A/230V.
Input leakage current
< 0.7mA /230VAC.
Isolation
I/P – O/P: 3KVAC / 1min
I/P – F/G: 1.5KVAC / 1min
O/P – F/G: 0.5KVAC/ 1min
OUTPUT
Voltage
See table.
Current
See table.
Line regulation (full load) ± 0.5%.
Load regulation
0.5%
Voltage adjustment
± 10%.
Overload protection
110% to 130%.
Overvoltage protection
115% to 150%.
Rise time
50ms @ full load (typical).
Hold up time
20ms @ full load (typical).
ENVIRONMENTAL
Operating temperature
-10°C to 50°C.
Storage temperature
-20°C to 85°C.
Operating humidity
20% - 93% RH, non-condensing.
Storage humidity
20% - 95% RH, non-condensing.
GENERAL
MTBF
100,000 hours.
Cooling
Force air cooled.
STANDARDS
Safety
Meet GB4943, UL60950, EN60950
EMC standards
Meet GB9254, EN55022 Class B,
EN61000-3-2-3,
EN61000-4-2,3,4,5,6,8,11
C-Tick
AS/NZS CISPR11 Group 1, Class A
MODEL
NUMBER
OUTPUT1
RIPPLE
NOISE
EFFI
POWER
PBC-150-13.5-SC
13.5V
11.2A
100mV
80%
150W
PBC-150-27-SC
27V
5.6A
150mV
83%
150W
PBC-200-13.5-SC
13.5V
14.9A
100mV
80%
200W
PBC-300-13.5-SC
13.5V
21.0A
100mV
83%
300W
PBC-300-27-SC
27V
11.0A
100mV
86%
300W
SPECIFICATIONS


Similar Part No. - PBCBAT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PBCBRHDSH1_1509 CENTRAL-PBCBRHDSH1_1509 Datasheet
1Mb / 2P
Low forward voltage
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
Low profile package
PBCBRLDSH1-40_1509 CENTRAL-PBCBRLDSH1-40_1509 Datasheet
1Mb / 2P
1.0A, 40V Schottky Bridge Rectifi er
More results

Similar Description - PBCBAT

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
ACE POWERBOX-ACE Datasheet
405Kb / 5P
3 0 0 - 9 0 0 WAT T S - A C / D C M O D U L A R O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com