Electronic Components Datasheet Search
  English  ▼

X  

PBMPLS Datasheet(PDF) 2 Page - Powerbox

Part # PBMPLS
Description  D C / A C S I N EWA V E I N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBMPLS Datasheet(HTML) 2 Page - Powerbox

  PBMPLS Datasheet HTML 1Page - Powerbox PBMPLS Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
PBMPLS Series
D C / A C S I N E W A V E I N V E R T E R
SELECTION TABLE
Doc. No. PBMPLS Rev.E 20-01-16
MODEL NUMBER
DC INPUT
INPUT
RANGE
CONTINOUS
RATING
½ HOUR
RATING
SURGE
5 SEC
WEIGHT
PBMPLS-12U
12Vdc
10.5-17V
500W
550W
1500W
5.5KG
PBMPLS-12W
12Vdc
10.5-17V
1000W
1150W
3000W
11KG
PBMPLS-12V
12Vdc
10.5-17V
1500W
1600W
4500W
14KG
PBMPLS-12I
12Vdc
10.5-17V
2000W
2200W
6000W
22KG
PBMPLS-24X
24Vdc
21-34V
600W
750W
2000W
5.5KG
PBMPLS-24V
24Vdc
21-34V
1200W
1600W
3600W
11KG
PBMPLS-24I
24Vdc
21-34V
1800W
2200W
5400W
14KG
PBMPLS-24IA
24Vdc
21-34V
2300W
2800W
7000W
22KG
PBMPLS-24Z
24Vdc
21-34V
3000W
3700W
9000W
24KG
PBMPLS-24ZA
24Vdc
21-34V
4000W
4500W
12000W
30KG
PBMPLS-48X
48Vdc
42-68V
600W
750W
2000W
5.5KG
PBMPLS-48V
48Vdc
42-68V
1200W
1600W
3600W
11KG
PBMPLS-48I
48Vdc
42-68V
1800W
2200W
5400W
14KG
PBMPLS-48IA
48Vdc
42-68V
2500W
3000W
7500W
22KG
PBMPLS-48Z
48Vdc
42-68V
3500W
4100W
10500W
24KG
PBMPLS-48ZC
48Vdc
42-68V
5000W
6000W
15000W
30KG
PBMPLS-48ZH
48Vdc
42-68V
7000W
8500W
20000W
34KG
PBMPLS-96X
96Vdc
77-140V
600W
750W
2000W
5.5KG
PBMPLS-96V
96Vdc
77-140V
1200W
1600W
3600W
11KG
PBMPLS-96I
96Vdc
77-140V
1800W
2200W
5400W
14KG
PBMPLS-96A
96Vdc
77-140V
2500W
3000W
7500W
22KG
PBMPLS-96Z
96Vdc
77-140V
3500W
4100W
10500W
24KG
PBMPLS-96ZC
96Vdc
77-140V
5000W
6000W
15000W
30KG
PBMPLS-96ZH
96Vdc
77-140V
7000W
8500W
20000W
34KG
PBMPLS-120X
120Vdc
95-177V
600W
750W
2000W
5.5KG
PBMPLS-120V
120Vdc
95-177V
1200W
1600W
3600W
11KG
PBMPLS-120I
120Vdc
95-177V
1800W
2200W
5400W
14KG
PBMPLS-120IA
120Vdc
95-177V
2500W
3000W
7500W
22KG
PBMPLS-120Z
120Vdc
95-177V
3500W
4100W
10500W
24KG
PBMPLS-120ZC
120Vdc
95-177V
5000W
6000W
15000W
30KG
PBMPLS-120ZH
120Vdc
95-177V
7000W
8500W
20000W
34KG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com