Electronic Components Datasheet Search
  English  ▼

X  

PHOENIX Datasheet(PDF) 1 Page - Powerbox

Part # PHOENIX
Description  D C / A C S I N EWA V E I N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PHOENIX Datasheet(HTML) 1 Page - Powerbox

  PHOENIX Datasheet HTML 1Page - Powerbox PHOENIX Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. Phoenix Rev.C 20-01-16
Phoenix Series
D C / A C S I N E W A V E I N V E R T E R
FEATURES
•
180W - 2400W
•
DC/AC Inverter
•
True Sinewave
•
Compact and Light Weight
•
Surge Power
•
Battery Alarm
•
BMV Battery Monitor
•
LED diagnosis
•
Remote ON/OFF with Switch
SPECIFICATIONS
INPUT
Input Voltage
12Vdc, 24Vdc, 48Vdc
Selection table for input voltage range
OUTPUT
Output voltage
230Vac +/- 3%
110Vac +/-3% optional
Output Frequency
50Hz +/- 0,1%
DIP switch for 50/60Hz selection (48/350 model)
Output power
Continuous power at 25 °C
180VA, 12/180 - 24/180 models
350VA, 12/350 - 48/350 models
750VA, 12/750 - 48/750 models
Crest factor
3:1 non linear load
Peak power
See selection table
Efficiency
93% Typically
BATTERY MANAGEMENT
Zero load power
See selection table
Low battery auto recovery
12Vdc (12,5V), 24Vdc (25V), 48Vdc (50V)
Low battery alarm
12Vdc (11,0V), 24Vdc (22V), 48Vdc (44V)
Low battery shut down
12Vdc (10.5V), 24Vdc (21V), 48Vdc (42V)
Battery Alarm
An excessively high or low battery voltage is
indicated by an audible and visual alarm, and a
relay for remote signalling.
BMV Battery Monitor
Features advanced microprocessor control
system combined with high resolution measuring
systems for battery voltage and
charge/discharge current. The software includes
complex calculation algorithms to exactly
determine the state of change of the battery. The
BMV selectively displays battery voltage, current,
consumed Ah or time to go. The monitor also
stores a host of data regarding performance and
use of the battery.
PROTECTION
Input
Battery voltage too high
Battery
Voltage too low
Output
Output short circuit overload
Temperature
Temperature too high
STANDARDS AND APPROVALS
Safety
EN60335-1
Emission Immunity
EN55014-1, EN55014-2,
EN61000-6-2, EN61000-6-3
ENVIRONMENTAL
Operating temperature
-40 to +50°C (fan assisted cooling)
Humidity
Max 95% (non condensing)
MECHANICAL
Battery connection
180VA (12/180) battery cable 1.5m
(cigarette plug)
180-350VA battery cable 1.5m
750VA screw terminals
AC outlets
Inputs: 12Vdc & 24Vdc
Option: AU/NZ Outlet
Option: IEC-320 Outlet
Input: 48Vdc
IEC-320 Outlet
Material
Aluminium (Blue Ral 5012)
Protection category
IP 20
Dimensions & Weight
180VA: 72 x 135 x 200mm, 2.7kg
350VA: 72 x 155 x 237mm, 3.5kg
800VA: 104 x 194 x 305mm, 6.5kg
1200VA: 104 x 194 x 305mm, 8.5kg


Similar Part No. - PHOENIX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHOENIXTM1400 ETC2-PHOENIXTM1400 Datasheet
465Kb / 2P
Full C-band tunability
More results

Similar Description - PHOENIX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-1102141-2 ETC2-1-1102141-2 Datasheet
10Mb / 236P
T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
E-Tech Electronics LTD
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
Powerbox
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
D I N R A I L D C / D C C O N V E R T E R
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
I N V E R T E R C H A R G E R
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
D C / A C S I N EWA V E I N V E R T E R
PBMPLS-RM POWERBOX-PBMPLS-RM Datasheet
138Kb / 2P
D C / A C S I N EWA V E I N V E R T E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com