Electronic Components Datasheet Search
  English  ▼

X  

SM800 Datasheet(PDF) 2 Page - Powerbox

Part # SM800
Description  L A B O R AT O R Y P OWE R S U P P LY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SM800 Datasheet(HTML) 2 Page - Powerbox

  SM800 Datasheet HTML 1Page - Powerbox SM800 Datasheet HTML 2Page - Powerbox SM800 Datasheet HTML 3Page - Powerbox SM800 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
SM800 Series
L A B O R A T O R Y P O W E R S U P P L Y
SPECIFICATIONS
Doc. No. SM800 Rev.D 3-12-15
SELECTION TABLE
ANALOG PROGRAMMING
Programming Inputs: CV
Input Range: 0 - 5V
Accuracy: +/-0.2%
Offset: -0.1...+1.3mV (on 5V)
Temp. coeff. offset:: 10uV/C
Input Impedance: > 1Mohm
Programming Inputs: CC
Input Range: 0 - 5V
Accuracy: +/-0.5%
Offset: 0...+2.2mV (on 5V)
Temp. coeff. offset:: 50uV/C
Input Impedance: > 1Mohm
Monitoring Outputs: CV
Input Range: 0 - 5V
Accuracy: +/-0.2%
Offset: -1.1..0mV (on 5V)
Temp. coeff. offset:: 3uV/C
Output Impedance: > 2 ohm / max 4mA
Monitoring Outputs: CC
Input Range: 0 - 5V
Accuracy: +/-0.5%
Offset: -1.1..0mV (on 5V)
Temp. coeff. offset:: 60uV/C
Output Impedance: > 2 ohm / max 4mA
Reference voltage
Vref: 5.114V +/-15mV
(Ro = 2ohm, max 4mA) TC: 20ppm
+12V output
Vo: 12V+/-0.23V
Imax: 0.2A
Ro: 3ohm
OPERATING
Relay Outputs
ACF: AC-Fail, both NOP and NC contact
DCF: DC-Fail,both NO and NC contact
output voltages +/-5% beyond set point
Status Outputs
CC operation: 5V = logic1, (Ro = 500 Ohm)
CV or CC limit: 5V = logic1, (Ro = 500 Ohm)
OT: Over Termp: 5V = logic1, (Ro = 500 Ohm)
PSOL, Powersink Overload: 5V = logic1, (Ro = 500 Ohm)
ACF, AC Fail: 5V = logice1, (Ro = 500 Ohm)
DCF DC Fail 5V = logice1, (Ro = 500 Ohm)
Remote ShutDown
> with +5V, 1mA or relay contact
Interlock
Contact at rear of panel
Indicators
Voltage meter, Amp meter, AC-Fail, DC-Fail, Over
Temperature, Power Sink Overload, Remote Shutdown,,
Remote-CV, Remote-CC, Output On,CV-limite, CV- and
CC- mode
Controls
Mains on/off switch, CV and VV potmeter, CV and CC limit
potmeter, Displlay Settings button, Display limits button,
Remote/Local button, Output On/off button, Fron panel
lock button
Series Operation
Max total voltage 600V
Master / Slave oeration yes
Parallel Operation
Max total current - No limit
Master / Slave operation - max 4 units (including master)
Remote Sensing
Max volt, drop per load lead: 2V
Limits
Voltage adjust range: 0 - 102%
Current adjust range: 0 - 102%
Potentiometers & Encoders
From front panel: Standard .03%
Screw driver adj: Option P001 (at front panel)
Digital Encoders: Option P220
Efficiency
87% Typical
Isolation
Input - Output: 3750Vrms(1 min)
Creepage clearance; 8mm
Input - Case: 2500Vrms
Output - Case: 600VDC
MTBF
500,000hrs
OUTPUT
SM 7.5-80
SM 18-50
SM 70-AR-24
SM 400-AR-4
Output Voltage Range
0 - 7.5V
0 - 18V
0 - 70V
0 - 400V
Output Current Range
0 - 80A
0 - 50A
0 - 24A
0 - 4A
Autoranging (2 Ranges)
No
No
Yes
Yes
Max Output Current/Voltage
-
-
24A / 0-35V
4A / 0-200V
-
-
12A / 35 - 70V
2A / 200 - 400V
Meters
3.5 digit
3.5 digit
3.5 digit
3.5 digit
Scale voltage
0 - 7.500 V
0 - 18.0 V
0 - 70.0 V
0 - 400.0 V
Scale current
0 - 80 A
0 - 50.0 A
0 - 24.0 A
0 - 4.0 A
Accuracy
0.5% + 2 digit
0.5% + 2 digit
0.5% + 2 digit
0.5% + 2 digit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com