Electronic Components Datasheet Search
  English  ▼

X  

PG12232 Datasheet(PDF) 1 Page - Powertip Technology

Part # PG12232
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PG12232 Datasheet(HTML) 1 Page - Powertip Technology

  PG12232 Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
PG 12232-F
PG 12232-F
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
69.2 x 31.75
57.2 x 17.2
0.38 x 0.38
0.43 x 0.43
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
4.1 / 8.0
4.1 / 8.0
7.0 / 11.0
Vdd+0.3
V
V
V
16.5
8
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
6.1
5.0
4.8
Vdd=5V
4.5
4.1
4.6
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
5.6
5.3
5.2
6.9
5.4
4.7
V
V
V
V
V
mA
mA
mA
N W
6.5
5.3
5.0
4.8
4.4
5.0
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12-17
18
19
Vss
Vdd
Vo
Vee
E1
DB0
DB1
NC/Vdd
NC/Vss
DB2-DB7
NC/RW
A
Power supply(GND)
Power supply(+)
Contrast Adjust
Poewr supply for LCD
L: Instruction / H: Data
Enable driver 1
Data bit 0
Data bit 1
NC or anode voltage
NC or cathode voltage
Data bit 2 ~ bit 7
NC or data read/write
20
K
Power supply for LED B/L ( )
1
180
Ao
E2
Enable driver 2
Power supply for LED B/L (+)
Power supply voltage
Vdd-Vss
25
oC
2.7
5.5
V
DB0~DB7
Vee
R/W
Ao
Vss
A
K
LCD
DRIVER 1
LCD PANEL
COM 16
0.38
0.05
BACKLIGHT
SEG 61
RES
E1
LCD
DRIVER 2
COM 16
Vdd
Vo
E2
SEG 61
OCS1
OSC2
FR
FR
OSC2
Negative Voltage
Generator
H1
H2
1.0
2.0
4-R1.4
K
A
20
67.2
56.4
25.1
5.8
IC SIDE
49.7
25.1
8.75
5.6
1
69.2 0.5
P2.54 x 19=48.26
20- 1.0
1.8
9.4
122 x 32
Dots
7.3
9.7
35.9
67.2
57.2
52.41 0.1
1.5
2- 1.0
A
K
20
1
2.5


Similar Part No. - PG12232

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-B POWERTIP-PG12232-B Datasheet
52Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
logo
P-tec Corporation
PG12232A-O P-TEC-PG12232A-O Datasheet
993Kb / 15P
Preliminary Specification was first issued
More results

Similar Description - PG12232

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com