Electronic Components Datasheet Search
  English  ▼

X  

XP-MR-01-IDFG Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # XP-MR-01-IDFG
Description  2-wire interface with integrated Digital Diagnostic monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-01-IDFG Datasheet(HTML) 6 Page - Source Photonics, Inc.

  XP-MR-01-IDFG Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS-7292
Rev 01
2013-04-12
Datasheet
XP-MR-01-IDFG
12
LVTTL-O
Mod_Abs
Indicates Module is not present. Grounded in the Module
2
13
LVTTL-O
Mod_NR
Module Not Ready; Indicating Module Operational Fault
2
14
LVTTL-O
RX_LOS
Receiver Loss Of Signal Indicator
2
15
GND
Module Ground
1
16
GND
Module Ground
1
17
CML-O
RD-
Receiver Inverted Data Output
18
CML-O
RD+
Receiver Non-Inverted Data Output
19
GND
Module Ground
1
20
VCC2
+1.8V Power Supply (Not implemented).
3
21
LVTTL-I
P_Down/RST
Power down; When high, requires the module to limit power
consumption to 1.5W or below. 2-Wire serial interface must
be functional in the low power mode.
Reset; The falling edge initiates a complete reset of the
module including the2-wire serial interface, equivalent to a
power cycle.
22
VCC2
+1.8V Power Supply (Not implemented)
3
23
GND
Module Ground
1
24
PECL-I
RefCLK+
Not used, internally terminated to 50ohm (100ohm diff).
4
25
PECL-I
RefCLK-
Not used, internally terminated to 50ohm (100ohm diff).
4
26
GND
Module Ground
1
27
GND
Module Ground
1
28
CML-I
TD-
Transmitter Inverted Data Input
29
CML-I
TD+
Transmitter Non-Inverted Data Input
30
GND
Module Ground
1
Notes:
1.
Module ground pins GND are isolated from the module case and chassis ground within the module.
2.
Shall be pulled up with 4.7K-10Kohms to a voltage between 3.15V and 3.45V on the host board.
3.
The pins are open within module.
4.
Reference Clock is not required



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com