Electronic Components Datasheet Search
  English  ▼

X  

XP-XE-01-CDFG Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # XP-XE-01-CDFG
Description  XFI high speed electrical interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-XE-01-CDFG Datasheet(HTML) 1 Page - Source Photonics, Inc.

  XP-XE-01-CDFG Datasheet HTML 1Page - Source Photonics, Inc. XP-XE-01-CDFG Datasheet HTML 2Page - Source Photonics, Inc. XP-XE-01-CDFG Datasheet HTML 3Page - Source Photonics, Inc. XP-XE-01-CDFG Datasheet HTML 4Page - Source Photonics, Inc. XP-XE-01-CDFG Datasheet HTML 5Page - Source Photonics, Inc. XP-XE-01-CDFG Datasheet HTML 6Page - Source Photonics, Inc. XP-XE-01-CDFG Datasheet HTML 7Page - Source Photonics, Inc. XP-XE-01-CDFG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS-7206
Rev 01
2013-05-02
Datasheet
XP-XE-01-CDFG
Features
XFP MSA Rev 4.5 compliant
Support 10GBASE-LR application
Up to 10km transmission on SMF
1310nm DFB and PIN receiver
XFI high speed electrical interface
2-wire interface with integrated Digital Diagnostic monitoring
XFP MSA package with duplex LC connector
+3.3V power supplies
Power consumption less than 2.5 W
Operating case temperature: -5~+70°C
Regulatory Compliance
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class
1(>1000V
for
SFI
pins, >2000V for other pins.)
Electrostatic Discharge (ESD) to the
Duplex LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Immunity
IEC 61000-4-3
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class I laser
product.
RoHS
2011/65/EU
Compliant with standards


Similar Part No. - XP-XE-01-CDFG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-XE-04-CDFA SOURCE-XP-XE-04-CDFA Datasheet
248Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-IDFA SOURCE-XP-XE-04-IDFA Datasheet
248Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
More results

Similar Description - XP-XE-01-CDFG

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540893 FESTO-540893 Datasheet
94Kb / 1P
Electrical interface
7/31/22
540896 FESTO-540896 Datasheet
95Kb / 1P
Electrical interface
7/31/22
573446 FESTO-573446 Datasheet
66Kb / 1P
Electrical interface
8/8/22
573447 FESTO-573447 Datasheet
65Kb / 1P
Electrical interface
8/8/22
573448 FESTO-573448 Datasheet
65Kb / 1P
Electrical interface
8/8/22
573450 FESTO-573450 Datasheet
66Kb / 1P
Electrical interface
8/8/22
573939 FESTO-573939 Datasheet
65Kb / 1P
Electrical interface
8/8/22
546993 FESTO-546993 Datasheet
108Kb / 2P
Electrical interface
8/9/22
552559 FESTO-552559 Datasheet
93Kb / 2P
Electrical interface
8/10/22
552562 FESTO-552562 Datasheet
106Kb / 2P
Electrical interface
8/10/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com