Electronic Components Datasheet Search
  English  ▼

X  

LB1863M Datasheet(PDF) 4 Page - ON Semiconductor

Part # LB1863M
Description  Two-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1863M Datasheet(HTML) 4 Page - ON Semiconductor

  LB1863M Datasheet HTML 1Page - ON Semiconductor LB1863M Datasheet HTML 2Page - ON Semiconductor LB1863M Datasheet HTML 3Page - ON Semiconductor LB1863M Datasheet HTML 4Page - ON Semiconductor LB1863M Datasheet HTML 5Page - ON Semiconductor LB1863M Datasheet HTML 6Page - ON Semiconductor LB1863M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Sample Application Circuit Output Waveforms
No. 4943-4/6
LB1863M, 1869M
Truth Table
Design Documentation (See the application circuit diagram.)
1. Power-supply voltage (VIN pin)
Since these miniature flat package products supply power to the Hall amplifier block and the control block from an
internal parallel regulator, they operate with good stability with respect to kickback currents from the motor and
variations in the power-supply voltage. They also provide an adequate ability to withstand surges. The resistor R1
between the VCC and VIN pins should be set up so that a current in the range ICC = 6 to 50 mA flows into the VIN pin
in the fan motor power-supply voltage range.
VIN has a typical value of 6.7 volts when ICC is 7 mA. The current flowing into VIN can be calculated with the
following formula.
VCC – VIN
ICC = ————— ......................(1)
R1
• Abnormal voltage considerations
The maximum allowable current for the VIN pin is 200 mA. Therefore, the IC design allows it to withstand voltages
up to the plus side abnormal voltage Vsurge give by formula (2).
Vsurge = VIN + R1 × 200 mA......(2)
2. Hall input pin voltages (IN– and IN+ pins)
The Hall element output voltages to the Hall element input pins must be in the range 0 to (VIN –1.5 V). The gain from
the Hall input pins to the output pin is over 100 dB. The Hall input amplifier offset voltage is ±7 mV. This means that
the Hall element output must be set up taking this ±7 mV offset into account.
3. Output transistors (OUT1 and OUT2 pins)
Output current: IO = 1.5 A maximum
Output saturation voltage: VOsat = 1.15V/1.0 A (typical)
Applications should adopt one of the following three output protection techniques.
➀ If a capacitor is inserted between OUT and ground, use a capacitor with a value up to C = 10 μF, and design that
value so that the kickback and reverse voltages do not exceed VOR.
➁ If a Zener diode is added, determine a value for the Zener voltage that is lower than VO(SUS). If radio-frequency
noise is a problem, insert a capacitor between B1 and B2.
➂ If a capacitor is inserted between OUT and B1, set the capacitor value so that the kickback voltage is lower than
VO(SUS). If oscillation occurs, insert a resistor in series with the capacitor.
IN+
IN–
C
OUT1
OUT2
RD
HL
LHL
L
LHL
LHL
HLH
H
H
H
L
HHHHH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com