Electronic Components Datasheet Search
  English  ▼

X  

LB11668MC Datasheet(PDF) 4 Page - ON Semiconductor

Part # LB11668MC
Description  Two-Phase Half-Wave Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11668MC Datasheet(HTML) 4 Page - ON Semiconductor

  LB11668MC Datasheet HTML 1Page - ON Semiconductor LB11668MC Datasheet HTML 2Page - ON Semiconductor LB11668MC Datasheet HTML 3Page - ON Semiconductor LB11668MC Datasheet HTML 4Page - ON Semiconductor LB11668MC Datasheet HTML 5Page - ON Semiconductor LB11668MC Datasheet HTML 6Page - ON Semiconductor LB11668MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LB11668MC
No.A2142-4/7
VIN1
10
9
8
7
6
VIN
CT
NC
OUT2
GND
RD
IN+
NC
IN-
OUT1
1
2
3
4
5
A
IIN=6mA
V
ICT1
VCC=24V
R1=1k
Ω
10
9
8
7
6
VIN
CT
NC
OUT2
GND
RD
IN+
NC
IN-
OUT1
1
2
3
4
5
A
ICT2
VCC=24V
R1=1k
Ω
10
9
8
7
6
VIN
CT
NC
OUT2
GND
RD
IN+
NC
IN-
OUT1
1
2
3
4
5
VCT=6V
RCT=ICT1/ICT2
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com