Electronic Components Datasheet Search
  English  ▼

X  

MAC218 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC218
Description  Silicon Bidirectional Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC218 Datasheet(HTML) 1 Page - ON Semiconductor

  MAC218 Datasheet HTML 1Page - ON Semiconductor MAC218 Datasheet HTML 2Page - ON Semiconductor MAC218 Datasheet HTML 3Page - ON Semiconductor MAC218 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
MAC218/D
MAC218
Triacs
Silicon Bidirectional Thyristors
Triacs are designed primarily for full-wave ac control applications,
such as light dimmers, motor controls, heating controls and power
supplies.
• Blocking Voltage to 800 Volts
• Glass Passivated Junctions for Greater Parameter Uniformity and
Stability
• TO-220 Construction Low Thermal Resistance, High Heat
Dissipation and Durability
• Gate Triggering Guaranteed in Three Modes (MAC218 Series) or
Four Modes (MAC218A Series)
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage(1)
(Gate Open, TJ = 25 to 125°C)
MAC218-4, MAC218A4
MAC218-6, MAC218A6
MAC218-8, MAC218A8
MAC218-10, MAC218A10
VDRM
200
400
600
800
Volts
On-State Current RMS
(Conduction Angle = 360°, TC = +80°C)
IT(RMS)
8
Amps
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TC = 80°C, preceded and followed by rated current)
ITSM
100
Amps
Fusing Current
(t = 8.3 ms)
I2t
40
A2s
Peak Gate Power
(TC = +80°C, Pulse Width = 2 μs)
PGM
16
Watts
Average Gate Power
(TC = +80°C, t = 8.3 ms)
PG(AV)
0.35
Watt
Peak Gate Trigger Current
(Pulse Width = 1 μs)
IGTM
4
Amps
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
1..
VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such
that the voltage ratings of the devices are exceeded.
http://onsemi.com
MT1
G
MT2
CASE 221A-04
(TO-220AB)
STYLE 4


Similar Part No. - MAC218

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
logo
Digitron Semiconductors
MAC218 DIGITRON-MAC218 Datasheet
178Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC218 NJSEMI-MAC218 Datasheet
90Kb / 2P
Silicon Bidirectional Thyristors
logo
Motorola, Inc
MAC218-10 MOTOROLA-MAC218-10 Datasheet
86Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
logo
Digitron Semiconductors
MAC218-10 DIGITRON-MAC218-10 Datasheet
178Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com