Electronic Components Datasheet Search
  English  ▼

X  

PWM-40 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PWM-40
Description  40W PWM output LED power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PWM-40 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PWM-40 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PWM-40 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PWM-40 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PWM-40 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PWM-40 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. PWM-40 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
40W PWM output LED power supply
PWM-40 series
DIMMING RANGE
SPECIFICATION
MODEL
DC VOLTAGE
RATED POWER
OUTPUT
SETUP, RISE TIME Note.2
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
OVER VOLTAGE
OVER TEMPERATURE
16ms/230VAC
16ms/115VAC at full load
90 ~ 305VAC
127 ~ 431VDC
47 ~ 63Hz
Compliance to EN55015, EN61000-3-2 Class C (
60% load) ; EN61000-3-3
≧
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge L-N:2KV), criteria A
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
℃
±℃
℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
1. All parameters NOT specially mentionedare measuredat 230VAC input, ratedloadand25 of ambient temperature.
℃
2. Length of set up time is measuredat coldfirst start. Turning ON/OFF the power supply may leadto increase of the set up time.
0.49Kg;30pcs/15.7Kg/1.0CUFT
VOLTAGE TOLERANCE
ENVIRONMENT
SAFETY &
EMC
PROTECTION
500ms, 80ms at 95% load
115VAC / 230VAC
EMC IMMUNITY
EMC EMISSION
COLD START 50A(twidth=270 s measured at 50% Ipeak) at 230VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
-40 ~ +70
(Refer to "Derating Curve")
℃
TOTAL HARMONIC DISTORTION
UL8750, CSA C22.2 No. 250.13-12, ENEC EN61347-1, EN61347-2-13, EN62384 independent,
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
℃
IP67 approved; Design refer to EN60335-1
μ
270.02K hrs min.
MIL-HDBK-217F (25
)
℃
PF>0.97/115VAC, PF>0.95/230VAC, PF>0.92/277VAC at full load (Please refer to "Power Factor Characteristic" curve)
THD< 20% when output loading
60% at 115VAC/230VAC input and output loading
75% at 277VAC input
≧≧
0.6A / 115VAC
0.3A / 230VAC
0.25A / 277VAC
<0.25mA / 277VAC
150*53*35mm (L*W*H)
PWM FREQUENCY (Typ.)
12V
24V
36V
48V
3.34A
1.67A
1.12A
0.84A
40.08W
40.08W
40.32W
40.32W
0 ~ 100%
300Hz
±
4.0%
±
3.0%
±
2.0%
±
1.0%
PWM-40-12
PWM-40-24
PWM-40-36
PWM-40-48
86%
89%
90%
90%
15 ~ 17V
28 ~ 34V
41 ~ 46V
54 ~ 60V
108 ~ 120% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
Shut down o/p voltage, re-power on to recover
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
MAX. NO. of PSUs on 16A
CIRCUIT BREAKER
9 units (circuit breaker of type B) / 16 units (circuit breaker of type C) at 230VAC
RATED CURRENT
File Name:PWM-40-SPEC 2015-10-17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com