Electronic Components Datasheet Search
  English  ▼

X  

PWM-90 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PWM-90
Description  90W PWM output LED power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PWM-90 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PWM-90 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PWM-90 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PWM-90 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PWM-90 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. PWM-90 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. PWM-90 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
90W PWM output LED power supply
PWM-90 series
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER
OUTPUT
SETUP, RISE TIME Note.2
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER LOAD
OVER VOLTAGE
SHORT CIRCUIT
OVER TEMPERATURE
12V
24V
36V
48V
7.5A
3.75A
2.5A
1.88A
90W
90W
90W
90.24W
0 ~ 100%
300Hz
±4.0%
±3.0%
±2.0%
±1.0%
500ms, 80ms 115VAC / 230VAC at full load
16ms/230VAC
16ms/115VAC at full load
90 ~ 305VAC
127 ~ 431VDC
47 ~ 63Hz
PF>0.98/115VAC, PF>0.96/230VAC, PF>0.94/277VAC at full load (Please refer to "Power Factor Characteristic" curve)
88%
90.5%
90.5%
90.5%
<0.25mA / 277VAC
108 ~ 120% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Hiccup mode, recovers automatically after fault condition is removed
-40 ~ +70
(Refer to "Derating Curve")
℃
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
℃
±℃
℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
224.2K hrs min.
MIL-HDBK-217F (25
)
℃
171*63*37.5mm (L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
℃
2. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
0.77Kg; 18pcs/14.9Kg/0.82CUFT
DIMMING RANGE
PWM FREQUENCY (Typ.)
VOLTAGE TOLERANCE
ENVIRONMENT
SAFETY &
EMC
PROTECTION
15 ~ 17V
28 ~ 34V
41 ~ 46V
54 ~ 60V
0.95A / 115VAC
0.5A / 230VAC
0.4A / 277VAC
PWM-90-12
PWM-90-24
PWM-90-36
PWM-90-48
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
℃
EMC IMMUNITY
Compliance to EN55015, EN61000-3-2 Class C (
60% load) ; EN61000-3-3
≧
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge L- N : 2KV), criteria A
EMC EMISSION
UL8750, CSA C22.2 No. 250.
, ENEC EN61347-1, EN61347-2-13, EN62384 independent, IP67 approved ;
13-12
Design refer to EN60335-1
COLD START 60A(twidth=550 s measured at 50% Ipeak) at 230VAC
μ
TOTAL HARMONIC DISTORTION THD< 20% when output loading
60% at 115VAC/230VAC input and output loading
75% at 277VAC input
≧≧
Shut down o/p voltage, re-power on to recover
Protection type : Shut down o/p voltage, re-power on to recover
File Name:PWM-90-SPEC 2015-10-17
MAX. NO. of PSUs on 16A
CIRCUIT BREAKER
3 units (circuit breaker of type B) / 6 units (circuit breaker of type C) at 230VAC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com