Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  Power MOSFET 170 mAmps, 100 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSS123LT1G, BVSS123LT1G
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
9
7
6
5
3
2
1
0
0
0.2
0.4
0.6
1.0
1.2
1.4
1.6
6
5
4
3
2
1
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
Figure 3. On−Resistance vs. Drain Current and
Gate Voltage
Figure 4. Capacitance Variation
ID, DRAIN CURRENT (mA)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
200
180
160
140
120
100
80
2.25
2.50
2.75
3.00
3.25
3.50
100
90
80
70
40
30
20
0
0
10
20
30
40
50
Figure 5. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 6. Diode Forward Voltage vs. Current
QG, TOTAL GATE CHARGE (nC)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
7
6
5
4
3
2
1
0
0
2
4
6
8
10
1.2
1.0
0.8
0.6
0.4
0.2
0
0.0001
0.001
0.01
0.1
1
48
10
0.8
VGS = 10 V
TJ = 25°C
3 V
4 V
5 V
6 V
8 V
TJ = 25°C
VDS = 10 V
TJ = −55°C
TJ = 150°C
1.0
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
60
50
10
TJ = 25°C
VGS = 0
Ciss
Coss
Crss
8
QT
QGS
QGD
VGS = 0 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 25°C
VGS = 10 V
VDS = 30 V
ID = 0.2 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com