Electronic Components Datasheet Search
  English  ▼

X  

Z08617 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z08617
Description  NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z08617 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z08617 Datasheet HTML 9Page - Zilog, Inc. Z08617 Datasheet HTML 10Page - Zilog, Inc. Z08617 Datasheet HTML 11Page - Zilog, Inc. Z08617 Datasheet HTML 12Page - Zilog, Inc. Z08617 Datasheet HTML 13Page - Zilog, Inc. Z08617 Datasheet HTML 14Page - Zilog, Inc. Z08617 Datasheet HTML 15Page - Zilog, Inc. Z08617 Datasheet HTML 16Page - Zilog, Inc. Z08617 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
Z08617 NMOS Z8® 8-BIT MCU
KEYBOARD CONTROLLER
FUNCTIONAL DESCRIPTION (Continued)
Interrupts. The Z08617 has six different interrupts from six
different sources. These interrupts are maskable and
prioritized (Figure 13). The six sources are divided as
follows: four sources are claimed by Port 3 lines P33-P30,
and two are claimed by the counter/timers. The Interrupt
Masked Register globally or individually enables or dis-
ables the six interrupts requests.
When more than one interrupt is pending, priorities are
resolved by a programmable priority encoder that is
controlled by the Interrupt Priority register. All inter-
rupts are vectored through locations in the program
memory. When an interrupt machine cycle is activated an
interrupt request is granted. This disables all of the subse-
quent interrupts, saves the Program Counter and status
flags, and then branches to the program memory vector
location reserved for that interrupt. This memory location
and the next byte contain the 16-bit address of the interrupt
service routine for that particular interrupt request.
To accommodate polled interrupt systems, interrupt
inputs are masked and the interrupt request register
is polled to determine which of the interrupt request
needs service.
IRQ
IMR
IPR
Priority
Logic
6
Global
Interrupt
Enable
Vector Select
Interrupt
Request
6
IRQ0-IRQ5
Figure 13. Interrupt Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com