Electronic Components Datasheet Search
  English  ▼

X  

FDAP3C1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FDAP3C1
Description  Distinctive features and specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDAP3C1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FDAP3C1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDAP3C1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDAP3C1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDAP3C1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
APEM
www.apem.com
FD series
Double icon illuminated pushbuttons - bushing Ø 24 or 26 mm - momentary or latching
Overview
FD
SERIES
Models
A
Threaded bushing,
dia. 24 mm
B
Snap-in, dia. 26 mm
Actuator
P
Round, flat
Electrical function
1
OFF - ON
3
Normally open (NO)
LED control and No of poles
C
Independent LED, 1 pole
D
Independent LED, 2 poles
F
LED linked to actuator, green if switch
in ON position, single pole
G
LED linked to actuator, red if switch
in ON position, single pole
F and G for OFF - ON models only.
Contact material
2
Silver
4
Silver, gold
plated
Terminals
1
Solder lugs
Actuator color
8
Smoke black
ABOUT THIS SERIES
On the following pages, you will find successively :
model structure of switches and options in the same order as in above chart
Dimensions :
first dimensions are in mm while inches are shown as bracketed numbers.
Mounting accessories
: Standard hardware supplied : 1 hex nut (threaded bushing version) and 1 panel gasket
Packaging unit
: 20 pieces
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
Bezel color
2
Black
LED colors
F
Red/green
Symbols
See end of series
LED resistor
0
No resistor
supplied
1
12V resistor
2
24V resistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com