Electronic Components Datasheet Search
  English  ▼

X  

FDAP3D1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FDAP3D1
Description  Distinctive features and specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDAP3D1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FDAP3D1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDAP3D1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDAP3D1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDAP3D1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
APEM
www.apem.com
FD series
Double icon illuminated pushbuttons - bushing Ø 24 or 26 mm - momentary or latching
Options
CONTACT MATERIALS
2
Silver
4
Silver, gold plated
ACTUATOR COLOR
8
Smoke black
BEZEL COLOR
2
Black
LED COLOR
F
Red/green
LED RESISTOR
0
No resistor supplied
1
12V resistor
2
24V resistor
SYMBOLS
3
START (green) / STOP (red)
with ring
4
ON (green) / OFF ( red)
with ring
5
I (green) / O ( red)
with ring
©
©
Flat



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com