Electronic Components Datasheet Search
  English  ▼

X  

LMH6552MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6552MA/NOPB
Description  1.5-GHz Fully Differential Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6552MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6552MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LMH6552
SNOSAX9I – APRIL 2007 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
2
Applications ........................................................... 1
9.2
Typical Applications ................................................ 17
3
Description ............................................................. 1
10
Power Supply Recommendations ..................... 26
4
Typical Application Schematic ............................. 1
10.1
Power Supply Bypassing ...................................... 26
5
Revision History..................................................... 2
11
Layout................................................................... 27
6
Pin Configuration and Functions ......................... 3
11.1
Layout Guidelines ................................................. 27
7
Specifications......................................................... 4
11.2
Layout Example .................................................... 28
7.1
Absolute Maximum Ratings ...................................... 4
11.3
Thermal Considerations ........................................ 29
7.2
ESD Ratings.............................................................. 4
11.4
Power Dissipation ................................................. 29
7.3
Recommended Operating Conditions ....................... 4
11.5
ESD Protection...................................................... 30
7.4
Thermal Information .................................................. 4
12
Device and Documentation Support ................. 31
7.5
Electrical Characteristics ±5 V .................................. 5
12.1
Device Support...................................................... 31
7.6
Electrical Characteristics ±2.5 V ............................... 7
12.2
Documentation Support ........................................ 31
7.7
Typical Characteristics V+ = +5 V, V− =
−5 V ........... 8
12.3
Trademarks ........................................................... 31
8
Detailed Description ............................................ 15
12.4
Electrostatic Discharge Caution ............................ 31
8.1
Overview ................................................................. 15
12.5
Glossary ................................................................ 31
8.2
Functional Block Diagram ....................................... 15
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 15
Information ........................................................... 31
8.4
Device Functional Modes........................................ 16
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (March 2013) to Revision I
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changes from Revision G (March 2013) to Revision H
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 27
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMH6552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com