Electronic Components Datasheet Search
  English  ▼

X  

FSC-200 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # FSC-200
Description  FAN SPEED CONTROLLER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

FSC-200 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  FSC-200 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The
FSC-200™ is designed for controlling
the fan/fan tray speed in a variety of
applications where air flow control is critical
for accurate thermal design.
stageSPEED™
software, which is included with the product, enables the
user to fully control the fans’ performance by adjusting
the power from 0 to 100%.
FSC-200™ enables the user
to perform a variety of airflow tests during different stages
of product design and development, without the need to
manipulate the fans power supply at the pre-specified ranges.
One such case during the thermal design process
is the desire to know what the temperature of the
components is under varying fan speed. This will
provide an envelope of safe operation of the device.
The
FSC-200™ makes the task easy by simply
controlling the fan speed through the software.
The unit communicates via the USB port with a
computer and requires no external power source since
the same USB port also is used to power up the
FSC-200™.
To power the fan or the fan tray, an external power
supply is required with its minimum voltage and current
equal to the fan or fan tray power requirements.
stageSPEED™ enables
the user to choose the
PWM frequency of the
fans. By entering a % duty
cycle value, the fans will
operate at that desired
percentage of power. Fans
can be controlled from 0 to
100% of the maximum allowable power. The system
has the safety feature that when the USB cable is
disconnected, the fans/fan tray will automatically stop.
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
R2_0215
FAN SPEED CONTROLLER
FEATURES:
» Highly Accurate
Provides precise control
with accuracy of +/- 1%
» Multiple Fans
Supports up to 30 Amps
fans or fan trays
» stageSPEEDTM Software
User friendly application for
selecting the PWM frequency
from 2 kHz to 40 kHz
» Fan Control
Controls fan/fan trays from 0 to
100% PWM with 0.5% resolution
» USB Connection
Provides connection for
data communication
» Air Flow Testing
Variable fan speed provides
the ability for complete analysis
» Unrestricted Voltage
No restriction for fan voltage
BENEFITS:
» Precision Control
Full control of airflow from fans/fan
trays 0-100% of max. allowable
» Variable Range of Fan Speeds
Tests component temperatures
under varying fan speeds
» Precise Easy-to-Use Operating
Programs
Minimize training and start-up times
» Pre-Installed stageSPEED™ Software
Allows user to choose
PWM frequency of fans
» Safety Features
Fans automatically stop when
the USB cable is disconnected
» Research Quality Device
UL parts, high repeatability
» Compact Bench-Top Profile
Able to fit in constricted areas
» Supports Multiple Fans
UL parts, high repeatability
» Reduces Human Error
Software controls the fan speed
throughout the process
» Free Lifetime Tech Support
FSC-200™
FAN SPEED CONTROLLER
DIMENSIONS (L x W x H)
200 x 224 x 81 mm
(7.83 x 8.83 x 3.2")
MAX CURRENT
30 Amps
MAX VOLTAGE
1,000 VAC
SOFTWARE
stageSPEEDTM
FSC-200 POWER
USB Connection
WEIGHT
1.2 Kg (2.6lbs)
COMPUTER
Windows XP or 7
Back View
stageSPEEDTMsoftware
APPLICATIONS:
» Telecommunications
» Automotive
» Medical Instrumentation
» Fan Manufacturers
» Thermal Management
» Aerospace
» Air Chambers


Similar Part No. - FSC-200

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
FSC-CMAX-A101_100-P HUBERSUHNER-FSC-CMAX-A101_100-P Datasheet
291Kb / 2P
SC connector, SM, High-end, UPC, blue
FSC-CMAX-A600_100-P HUBERSUHNER-FSC-CMAX-A600_100-P Datasheet
289Kb / 2P
SC connector, SM, High-end, APC, green
FSC-CMAX-B101_100-P HUBERSUHNER-FSC-CMAX-B101_100-P Datasheet
289Kb / 2P
SC connector, G50/125, G62.5/125, PC, beige
FSC-CMAX-D101_100-P HUBERSUHNER-FSC-CMAX-D101_100-P Datasheet
289Kb / 2P
SC connector, HCS200/230, PC, beige
FSC-CMAX-H101_100-P HUBERSUHNER-FSC-CMAX-H101_100-P Datasheet
291Kb / 2P
SC connector, SM, premium, UPC, blue
More results

Similar Description - FSC-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
PWM Fan Speed Controller
Rev.0.5 Feb.12, 2004
logo
Infineon Technologies A...
TDA21801 INFINEON-TDA21801 Datasheet
833Kb / 30P
Low Cost Fan Speed Controller
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
Quad Linear Fan-Speed Controller
Rev 0; 3/08
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
Fan Speed Controller
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620_13 Datasheet
315Kb / 30P
Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX31740 MAXIM-MAX31740 Datasheet
499Kb / 11P
Ultra-Simple Fan-Speed Controller
Rev 0; 5/13
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
Fan Speed PWM Controller
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620_14 Datasheet
281Kb / 30P
Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX31740 MAXIM-MAX31740_V01 Datasheet
628Kb / 11P
Ultra-Simple Fan-Speed Controller
19-6697; Rev 3; 12/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com