Electronic Components Datasheet Search
  English  ▼

X  

OPA656UB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656UB
Description  Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA656UB Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA656UB Datasheet HTML 12Page - Texas Instruments OPA656UB Datasheet HTML 13Page - Texas Instruments OPA656UB Datasheet HTML 14Page - Texas Instruments OPA656UB Datasheet HTML 15Page - Texas Instruments OPA656UB Datasheet HTML 16Page - Texas Instruments OPA656UB Datasheet HTML 17Page - Texas Instruments OPA656UB Datasheet HTML 18Page - Texas Instruments OPA656UB Datasheet HTML 19Page - Texas Instruments OPA656UB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
(
)
2
2
2
BI
F
F
N
NI
BN
S
S
I R
4kTR
E
E
I
R
4kTR
NG
NG
æ
ö
=
+
+
+
+
ç
÷
è
ø
(
)
(
)
(
)
2
2
2
2
O
NI
BN
S
S
F
E
E
I
R
4kTR
NG
I
R
4kTR NG
BI F
=
+
+
+
+
4 kT
R
G
R
G
R
F
R
S
OPA656
I
BI
E
O
I
BN
4 kT = 1.6E –20J
at 290°K
E
RS
E
NI
√4kTR
S
√4kTR
F
*
*
*
OPA656
SBOS196H – DECEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
Application Information (continued)
Figure 31. Operational Amplifier Noise Analysis Model
The total output spot noise voltage can be computed as the square root of the squared contributing terms to the
output noise voltage. This computation is adding all the contributing noise powers at the output by superposition,
then taking the square root to get back to a spot noise voltage. Equation 1 shows the general form for this output
noise voltage using the terms shown in Figure 31.
(1)
Dividing this expression by the noise gain (GN = 1+RF/RG) will give the equivalent input referred spot noise
voltage at the noninverting input as shown in Equation 2.
(2)
Putting high resistor values into Equation 2 can quickly dominate the total equivalent input referred noise. A
source impedance on the noninverting input of 3 k
Ω will add a Johnson voltage noise term equal to just that for
the amplifier itself (7 nV/
√Hz). While the JFET input of the OPA656 is ideal for high source impedance
applications, both the overall bandwidth and noise will be limited by higher source impedances in the
noninverting configuration of Figure 29.
9.1.3.2 Frequency Response Control
Voltage-feedback op amps like the OPA656 exhibit decreasing signal bandwidth as the signal gain is increased.
In theory, this relationship is described by the GBP shown in the Electrical Characteristics. Ideally, dividing GBP
by the noninverting signal gain (also called the Noise Gain, or NG) will predict the closed-loop bandwidth. In
practice, this only holds true when the phase margin approaches 90°, as it does in high-gain configurations. At
low gains (increased feedback factors), most high-speed amplifiers will exhibit a more complex response with
lower phase margin. The OPA656 is compensated to give a maximally flat 2nd-order Butterworth closed loop
response at a noninverting gain of +2 V/V (Figure 29). This results in a typical gain of +2 V/V bandwidth of 200
MHz, far exceeding that predicted by dividing the 230-MHz GBP by 2. Increasing the gain will cause the phase
margin to approach 90° and the bandwidth to more closely approach the predicted value of (GBP/NG). At a gain
of +10 V/V the OPA656 will show the 23-MHz bandwidth predicted using the simple formula and the typical GBP
of 230 MHz.
Unity-gain stable operational amplifiers like the OPA656 can also be bandlimited using a capacitor across the
feedback resistor. For the noninverting configuration of Figure 29, a capacitor across the feedback resistor will
decrease the gain with frequency down to a gain of +1 V/V. For instance, to bandlimit the gain of +2 V/V design
to 20 MHz, a 32-pF capacitor can be placed in parallel with the 250-
Ω feedback resistor. This will, however, only
decrease the gain from +2 V/V to +1 V/V. Using a feedback capacitor to limit the signal bandwidth is more
effective in the inverting configuration of Figure 30. Adding that same capacitor to the feedback of Figure 30 will
set a pole in the signal frequency response at 20 MHz, but in this case it will continue to attenuate the signal gain
to below 1. However, the output noise contribution due the input voltage noise of the OPA656 will still only be
reduced to a gain of +1 V/V with the addition of the feedback capacitor.
16
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: OPA656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com