Electronic Components Datasheet Search
  English  ▼

X  

Z86217 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86217
Description  CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86217 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86217 Datasheet HTML 1Page - Zilog, Inc. Z86217 Datasheet HTML 2Page - Zilog, Inc. Z86217 Datasheet HTML 3Page - Zilog, Inc. Z86217 Datasheet HTML 4Page - Zilog, Inc. Z86217 Datasheet HTML 5Page - Zilog, Inc. Z86217 Datasheet HTML 6Page - Zilog, Inc. Z86217 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Z86217/C17
CP95KEY1000
PRELIMINARY
DC ELECTRICAL CHARACTERISTICS
TA = 0°C to +70°C
Typical
Symbol Parameter
VDD
Min
Max
@ 25
°C
Units
Conditions
Max Input Voltage
3.0V
12
V
VIN = 250 µA
5.5V
12
V
VIN = 250 µA
V
CH
Clock Input High
3.0V
0.7 V
DD
V
DD + 0.3
2.0
V
Driven by External
Voltage
Clock Generator
5.5V
0.7 V
DD
V
DD + 0.3
3.0
V
Driven by External
Clock Generator
V
CL
Clock Input Low
3.0V
V
SS – 0.3
0.2 V
DD
0.8
V
Driven by External
Voltage
Clock Generator
5.5V
V
SS – 0.3
0.2 V
DD
1.5
V
Driven by External
Clock Generator
VIH
Input High Voltage
3.0V
0.7 VDD
VDD + 0.3
1.6
V
Schmitt-Triggered
5.5V
0.7 VDD
VDD + 0.3
2.6
V
V
IH
Input High Voltage
3.0V
0.7 V
DD
V
DD + 0.3
1.4
V
CMOS Input
5.5V
0.7 V
DD
V
DD + 0.3
2.6
V
V
IL
Input Low Voltage
3.0V
V
SS – 0.3
0.2 V
DD
1.4
V
Schmitt-Triggered
5.5V
V
SS – 0.3
0.2 V
DD
2.6
V
VIL
Input Low Voltage
3.0V
VSS – 0.3
0.2 VDD
1.3
V
CMOS Input
5.5V
VSS – 0.3
0.2 VDD
2.4
V
V
OH
Output High Voltge
3.0V
V
DD – 0.4
2.8
V
I
OH = –2.0 mA
5.5V
V
DD – 0.4
5.5
V
I
OH = –2.0 mA
V
OL1
Output Low Voltage
3.0V
0.4
0.13
V
I
OL = +4.0 mA
5.5V
0.4
0.07
V
I
OL = +4.0 mA
VOL2
Output Low Voltage
3.0V
1.5
0.8
V
IOL = 20.0 mA,
3 Pin Max
5.5V
0.8
0.3
V
IOL = 20.0 mA,
3 Pin Max
V
LV
V
CC Low Voltage
2.7
2.3
V
@ 2 MHz Max
Protection Voltage
VTP
Trip Point
3.0V
0.4 VDD
V
Voltage
5.5V
IIL
Input Leakage
3.0V
–1.0
1.0
µAV
IN = OV, VCC
5.5V
–1.0
1.0
0.4
µAV
IN = OV, VCC
I
OL
Output Leakage
3.0V
–1.0
1.0
0.4
µAV
IN = OV, VCC
5.5V
–1.0
1.0
µAV
IN = OV, VCC
Note:
For 2.75V operating, the device operates down to V
LV. The minimum
operational VDD is determined on the value of the voltage VLV at the
ambient temperature. The VLV increases as the temperature decreases.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com