Electronic Components Datasheet Search
  English  ▼

X  

Z86C27 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C27
Description  CMOS Z8 MICROCONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C27 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C27 Datasheet HTML 1Page - Zilog, Inc. Z86C27 Datasheet HTML 2Page - Zilog, Inc. Z86C27 Datasheet HTML 3Page - Zilog, Inc. Z86C27 Datasheet HTML 4Page - Zilog, Inc. Z86C27 Datasheet HTML 5Page - Zilog, Inc. Z86C27 Datasheet HTML 6Page - Zilog, Inc. Z86C27 Datasheet HTML 7Page - Zilog, Inc. Z86C27 Datasheet HTML 8Page - Zilog, Inc. Z86C27 Datasheet HTML 9Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Z86C27/C97
CPS DC-2974-04
GENERAL DESCRIPTION (Continued)
Counter
Timer
Counter
Timer
8K Byte
Program ROM
RESET
Oscillator
WDT
Port 3/
Interrupt
Port4
(Port 1)
Port 5
(Port 0)
Port 6
(Control)
160 Byte
Character RAM
4 KByte
Character ROM
Z8 CPU
Core
Port 2
256 Byte
Register File
Port 1
A8:15
AD0:7
PWM 1
14 -bit
PWM 2
to
PWM 8
6-bit
PWM 9
to
PWM 13
8-bit
On Screen
Display
Port 0
P27
P26
P25
P24
P23
P22
P21
P20
PWM 1
PWM 2
PWM 3
PWM 4
PWM 5
PWM 6
PWM 7
PWM 8
PWM 9
PWM 10
PWM 11
PWM 12
PWM 13
OSCIN
OSCOUT
HSYNC
VSYNC
VRED
VGREEN
VBLUE
VBLANK
XTAL1
XTAL2
/RESET
P30
P31
P34
P35
P36
P40( P10 )
P41( P11 )
P42( P12 )
P43( P13 )
P44( P14 )
P45( P15 )
P46( P16 )
P47( P17 )
P50( P00 )
P51( P01 )
P52( P02 )
P53( P03 )
P54( P04 )
P55( P05 )
P56( P06 )
P57( P07 )
P60( /AS )
P61( /DS )
P62( R//W )
P63( SCLK )
P64( P66 )*
P65( P67 )*
AFCIN
* ( ) Denotes Z86C97 signal differences.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com