Electronic Components Datasheet Search
  English  ▼

X  

Z86243 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86243
Description  CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86243 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86243 Datasheet HTML 10Page - Zilog, Inc. Z86243 Datasheet HTML 11Page - Zilog, Inc. Z86243 Datasheet HTML 12Page - Zilog, Inc. Z86243 Datasheet HTML 13Page - Zilog, Inc. Z86243 Datasheet HTML 14Page - Zilog, Inc. Z86243 Datasheet HTML 15Page - Zilog, Inc. Z86243 Datasheet HTML 16Page - Zilog, Inc. Z86243 Datasheet HTML 17Page - Zilog, Inc. Z86243 Datasheet HTML 18Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Z86233/243
CP96DZ81201
CP96DZ81201 (8/96)
AC ELECTRICAL CHARACTERISTICS
Additional Timing Table (Divide-By-One Mode, SCLK/TCLK = XTAL)
T
A = 0°C to +70°CTA = –40°C to +105°C
V
cc
4 MHz
4 MHz
No
Symbol
Parameter
Note [6]
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
3.0V
250
DC
250
DC
ns
[1,7,8]
5.5V
250
DC
250
DC
ns
[1,7,8]
2
TrC,TfC
Clock Input Rise & Fall Times
3.0V
25
25
ns
[1,7,8]
5.5V
25
25
ns
[1,7,8]
3
TwC
Input Clock Width
3.0V
125
125
ns
[1,7,8]
5.5V
125
125
ns
[1,7,8]
4
TwTinL
Timer Input Low Width
3.0V
100
100
ns
[1,7,8]
5.5V
70
70
ns
[1,7,8]
5
TwTinH
Timer Input High Width
3.0V
3TpC
3TpC
[1,7,8]
5.5V
3TpC
3TpC
[1,7,8]
6
TpTin
Timer Input Period
3.0V
4TpC
4TpC
[1,7,8]
5.5V
4TpC
4TpC
[1,7,8]
7
TrTin,
Timer Input Rise & Fall Timer
3.0V
100
100
ns
[1,7,8]
TfTin
5.5V
100
100
ns
[1,7,8]
8A
TwIL
Int. Request Low Time
3.0V
100
100
ns
[1,2,7,8]
5.5V
70
70
ns
[1,2,7,8]
8B
TwIL
Int. Request Low Time
3.0V
3TpC
3TpC
[1,3,7,8]
5.5V
3TpC
3TpC
[1,3,7,8]
9
TwIH
Int. Request Input High Time
3.0V
3TpC
3TpC
[1,2,7,8]
5.5V
3TpC
2TpC
[1,2,7,8]
10
Twsm
STOP-Mode Recovery Width Spec
3.0V
12
12
ns
[4,8]
5.5V
12
12
ns
[4,8]
11
Tost
Oscillator Startup Time
3.0V
5TpC
5TpC
[4,8,9]
5.5V
5TpC
5TpC
[4,8,9]
Notes:
[1]
Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
[2]
Interrupt request via Port 3 (P33-P31).
[3]
Interrupt request via Port 3 (P30).
[4]
SMR-D5 = 1, POR STOP mode delay is on.
[5]
Reg. WDTMR.
[6]
The V
DD voltage specification of 3.0V guarantees 3.3V ± 0.3V, and
the V
DD voltage specification of 5.5V guarantees 5.5V ± 0.5V.
[7]
SMR D1 = 0.
[8]
Maximum frequency for internal system clock is 4 MHz when
using XTAL divide-by-one mode.
[9]
For RC and LC oscillator, and for oscillator driven by clock driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com