Electronic Components Datasheet Search
  English  ▼

X  

54ABT244 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT244
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT244 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ABT244 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT244 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AC Electrical Characteristics
Symbol
Parameter
54ABT
Units
Fig.
No.
T
A = −55˚C to +125˚C
V
CC = 4.5V– 5.5V
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
1.0
5.3
ns
Figure 5
t
PHL
Data to Outputs
1.0
5.0
t
PZH
Output Enable
0.8
6.5
ns
Figure 4
t
PZL
Time
1.2
7.9
t
PHZ
Output Disable
1.2
7.6
ns
Figure 4
t
PLZ
Time
1.0
7.9
Capacitance
Symbol
Parameter
Typ
Units
Conditions
T
A = 25˚C
C
IN
Input Capacitance
5.0
pF
V
CC = 0V
C
OUT (Note 5)
Output Capacitance
9.0
pF
V
CC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
t
PLH vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
DS100203-11
t
PHL vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
DS100203-12
Dashed lines represent design characteristics; for specified guarantees refer to AC Characteristics Table.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com