Electronic Components Datasheet Search
  English  ▼

X  

54ABT245 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT245
Description  Octal Bidirectional Transceiver with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT245 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 54ABT245 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT245 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AC Loading
AC Waveforms
DS100204-6
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100204-7
FIGURE 2. Test Input Signal Levels
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100204-8
FIGURE 4. Propagation Delay Waveforms
for Inverting and Non-Inverting Functions
DS100204-10
FIGURE 5. TRI-STATE Output HIGH
and LOW Enable and Disable Times
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com