Electronic Components Datasheet Search
  English  ▼

X  

Z86C31 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86C31
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C31 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86C31 Datasheet HTML 1Page - Zilog, Inc. Z86C31 Datasheet HTML 2Page - Zilog, Inc. Z86C31 Datasheet HTML 3Page - Zilog, Inc. Z86C31 Datasheet HTML 4Page - Zilog, Inc. Z86C31 Datasheet HTML 5Page - Zilog, Inc. Z86C31 Datasheet HTML 6Page - Zilog, Inc. Z86C31 Datasheet HTML 7Page - Zilog, Inc. Z86C31 Datasheet HTML 8Page - Zilog, Inc. Z86C31 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CP96DZ82900
3
Z86C30/C31/C32/C40
CP96DZ82900
ZILOG
25
19
5
11
18
12
26
4
Z86C30
Z86C31
Z86C32
1
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
P21
P20
P03
VSS
P02
P01
P00
P05
P06
P07
VDD
XT2
XT1
P31
PIN DESCRIPTION
28-Pin DIP/SOIC/PLCC Pin Identification
Pin #
Symbol
Function
Direction
1-3
P27-25
Port 2, Pins 5,6,7
In/Output
4-7
P07-04
Port 0, Pins 4,5,6,7
In/Output
8V
CC
Power Supply
9
XTAL2
Crystal Oscillator
Output
10
XTAL1
Crystal Oscillator
Input
11-13 P33-31
Port 3, Pins 1,2,3
Fixed Input
14-15
P35-4
Port 3, Pins 4,5
Fixed Output
16
P37
Port 3, Pin 7
Fixed Output
17
P36
Port 3, Pin 6
Fixed Output
18
P30
Port 3, Pin 0
Fixed Input
19-21 P02-00
Port 0, Pins 0,1,2
In/Output
22
GND
Ground, V
SS
23
P03
Port 0, Pin 3
In/Output
24-28 P24-20
Port 2, Pins 0,1,2,3,4 In/Output
P25
P26
P27
P04
P05
P06
P07
VDD
XTAL2
Z86C30
Z86C31
Z86C32
P24
P23
P22
P21
P20
P03
VSS
P02
P01
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
19
20
XTAL1
P00
21
22
23
24
25
26
27
28
P31
P32
P33
P34
P30
P36
P37
P35
28-Pin SOIC Configuration
28-Pin DIP Configuration
28-Pin PLCC Configuration
1
2
9
3
4
5
6
7
8
28
27
26
25
24
23
22
21
20
P24
P23
P01
P22
P21
P20
P03
GND
P02
P25
P26
XTAL2
P27
P04
P05
P06
P07
VCC
Z86C30
Z86C31
Z86C32
19
18
17
16
15
14
10
11
12
13
XTAL1
P31
P32
P33
P34
P00
P30
P36
P37
P35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com