Electronic Components Datasheet Search
  English  ▼

X  

Z86C43 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C43
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C43 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C43 Datasheet HTML 3Page - Zilog, Inc. Z86C43 Datasheet HTML 4Page - Zilog, Inc. Z86C43 Datasheet HTML 5Page - Zilog, Inc. Z86C43 Datasheet HTML 6Page - Zilog, Inc. Z86C43 Datasheet HTML 7Page - Zilog, Inc. Z86C43 Datasheet HTML 8Page - Zilog, Inc. Z86C43 Datasheet HTML 9Page - Zilog, Inc. Z86C43 Datasheet HTML 10Page - Zilog, Inc. Z86C43 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Z86C33/C43
CP95DZ80202
ABSOLUTE MAXIMUM RATINGS
Symbol
Description
Min
Max
Units
V
CC
Supply Voltage (*)
–0.3
+7.0
V
T
STG
Storage Temp
–65
+150
C
T
A
Oper Ambient Temp
C
Power Dissipation
2.2
W
Stress greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This
is a stress rating only; operation of the device at any
condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to
absolute maximum rating conditions for an extended pe-
riod may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (see Test
Load Diagram).
CAPACITANCE
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF
Notes:
* Voltage on all pins with respect to GND.
See Ordering Information.
From Output
Under Test
150 pF
Test Load Diagram
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz, Unmeasured pins to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com