Electronic Components Datasheet Search
  English  ▼

X  

Z86C47 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86C47
Description  CMOS Z8 MICROCONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C47 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86C47 Datasheet HTML 1Page - Zilog, Inc. Z86C47 Datasheet HTML 2Page - Zilog, Inc. Z86C47 Datasheet HTML 3Page - Zilog, Inc. Z86C47 Datasheet HTML 4Page - Zilog, Inc. Z86C47 Datasheet HTML 5Page - Zilog, Inc. Z86C47 Datasheet HTML 6Page - Zilog, Inc. Z86C47 Datasheet HTML 7Page - Zilog, Inc. Z86C47 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PRELIMINARY
Z86C47 ROM
CPS DC-5462-00
AC CHARACTERISTICS
Timing Diagrams
XTAL1
1
2
2
3
3
External Clock
Tin
7
5
4
6
Counter Timer
DC CHARACTERISTICS
T
A=0°C to +70°C; VCC=+4.5 V to +5.5 V; FOSC=4 MHz
T
A=0°C to +70°C
Typical
Symbol Parameter
Min
Max
@ 25
°C Units Conditions
V
IL
Input Voltage Low
0
0.2 V
CC
1.48
V
V
ILC
Input XTAL/Osc In Low
0.07 V
CC
0.98
V
External Clock Generator Driven
V
IH
Input Voltage High
0.7 V
CC
V
CC
3.0
V
V
IHC
Input XTAL/Osc in High
0.8 V
CC
V
CC
3.2
V
External Clock Generator Driven
V
HY
Schmitt Hysteresis
0.1 V
CC
0.8
V
V
PU
Maximum Pull-up Voltage
12
V
[2]
V
OL
Output Voltage Low
0.4
0.16
V
I
OL=1.00 mA
0.4
0.19
V
I
OL=3.2 mA, [1]
0.4
0.19
V
I
OL=0.75 mA [2]
1.5
1.00
V
I
OL=10 mA [1]
V
00-01
AFC Level 01 In
0.45 V
CC
1.9
V
V
01-11
AFC Level 11 In
0.5 V
CC
0.75 V
CC
3.12
V
V
OH
Output Voltage High
V
CC–0.4
4.75
V
I
OH= –0.75 mA
I
IR
Reset Input Current
–80
–46
µAV
RL=0 V
I
IL
Input Leakage
–3.0
3.0
0.01
µA
0 V,V
CC
I
OL
Tri-State Leakage
–3.0
3.0
0.02
µA
0 V,V
CC
I
CC
Supply Current
20
13.2
mA
All inputs at rail
I
CC1
6
3.2
mA
All inputs at rail
I
CC2
10
0.1
µA
All inputs at rail
Notes:
[1] Port 5
[2] PWM Open-Drain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com