Electronic Components Datasheet Search
  English  ▼

X  

Z86C2116FSC Datasheet(PDF) 28 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 28 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 24Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 25Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 26Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 27Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 28Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 29Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 30Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 31Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 32Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
\28
Z86C21 MCU
WITH
8K ROM
CONDITION CODES
Value
Mnemonic
Meaning
Flags Set
1000
Always True
0111
C
Carry
C = 1
1111
NC
No Carry
C = 0
0110
Z
Zero
Z = 1
1110
NZ
Not Zero
Z = 0
1101
PL
Plus
S = 0
0101
MI
Minus
S = 1
0100
OV
Overflow
V = 1
1100
NOV
No Overflow
V = 0
0110
EQ
Equal
Z = 1
1110
NE
Not Equal
Z = 0
1001
GE
Greater Than or Equal
(S XOR V) = 0
0001
LT
Less than
(S XOR V) = 1
1010
GT
Greater Than
[Z OR (S XOR V)] = 0
0010
LE
Less Than or Equal
[Z OR (S XOR V)] = 1
1111
UGE
Unsigned Greater Than or Equal
C = 0
0111
ULT
Unsigned Less Than
C = 1
1011
UGT
Unsigned Greater Than
(C = 0 AND Z = 0) = 1
0011
ULE
Unsigned Less Than or Equal
(C OR Z) = 1
0000
F
Never True (Always False)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com