Electronic Components Datasheet Search
  English  ▼

X  

Z86C83 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86C83
Description  Z8 MCU MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C83 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86C83 Datasheet HTML 1Page - Zilog, Inc. Z86C83 Datasheet HTML 2Page - Zilog, Inc. Z86C83 Datasheet HTML 3Page - Zilog, Inc. Z86C83 Datasheet HTML 4Page - Zilog, Inc. Z86C83 Datasheet HTML 5Page - Zilog, Inc. Z86C83 Datasheet HTML 6Page - Zilog, Inc. Z86C83 Datasheet HTML 7Page - Zilog, Inc. Z86C83 Datasheet HTML 8Page - Zilog, Inc. Z86C83 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
2
DS96DZ80203
GENERAL DESCRIPTION (Continued)
By means of an expanded register file, the designer has
access to additional control registers for configuring per-
ipheral functions including the A/D and D/A converters,
counter/timers, and I/O port functions (Figure 1).
Notes: All Signals with a preceding front slash, "/", are
active Low, e.g., B//W (WORD is active Low); /B/W (BYTE
is active Low, only).
Power
connections
follow
conventional
descriptions
below:
Connection
Circuit
Device
Power
V
CC
V
CC
Ground
GND
V
SS
Figure 1. Z86C83/C84 Functional Block Diagram
Notes:
** Not available on Z86C83.
† Not available on Z86C84.
Port 0
P00
P01
P02
P03†
P04†
P05†
P06†
P31
P32
P33
Port 3
Register File
256 x 8-Bit
ROM
4K x 8
Z8® Core
Register Bus
Internal
Address Bus
Internal Data Bus
Expanded
Register File
Expanded
Register Bus
Counter/Timer
8-Bit (2)
Machine
Timing
and
Instruction
Control
Power
XTAL 1/2
VCC
P34
P35
P36
AC0/P20
AC1/P21
AC2/P22
AC3/P23
AC4/P24
AC5/P25
AC6/P26
AC7/P27
Port 2
Comparators
(2)
/RESET
GND
8-Channel
8-Bit A/D
**Dual
8-Bit
DAC
AVCC
AGND
VDHI **
VDL0 **
DAC1 **
DAC2 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com