Electronic Components Datasheet Search
  English  ▼

X  

54ABT273 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT273
Description  Octal D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT273 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ABT273 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT273 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT273 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT273 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT273 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT273 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT273 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ABT273
Octal D-Type Flip-Flop
General Description
The ’ABT273 has eight edge-triggered D-type flip-flops with
individual D inputs and Q outputs. The common buffered
Clock (CP) and Master Reset (MR) inputs load and reset
(clear) all flip-flops simultaneously.
The register is fully edge-triggered. The state of each D in-
put, one setup time before the LOW-to-HIGH clock transi-
tion, is transferred to the corresponding flip-flop’s Q output.
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the MR input. The de-
vice is useful for applications where the true output only is re-
quired and the Clock and Master Reset are common to all
storage elements.
Features
n Eight edge-triggered D flip-flops
n Buffered common clock
n Buffered, asynchronous Master Reset
n See ’ABT377 for clock enable version
n See ’ABT373 for transparent latch version
n See ’ABT374 for TRI-STATE® version
n Output sink capability of 48 mA, source capability of
24 mA
n Guaranteed latchup protection
n High impedance glitch free bus loading during entire
power up and power down cycle
n Non-destructive hot insertion capability
n Disable time less than enable time to avoid bus
contention
n Standard Microcircuit Drawing (SMD) 5962-9321701
Ordering Code
Military
Package
Package Description
Number
54ABT273J-QML
J20A
20-Lead Ceramic Dual-In-Line
54ABT273W-QML
W20A
20-Lead Cerpack
54ABT273E-QML
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
July 1998
© 1998 National Semiconductor Corporation
DS100205
www.national.com


Similar Part No. - 54ABT273

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240 NSC-54ABT240 Datasheet
168Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240E-QML NSC-54ABT240E-QML Datasheet
168Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
184Kb / 11P
OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

Similar Description - 54ABT273

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
Octal D-type flip-flop
1991 Feb 08
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
OCTAL D TYPE FLIP FLOP
Feb-1993
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
OCTAL D TYPE FLIP FLOP
Jul-2001
logo
Renesas Technology Corp
HD74AC273 RENESAS-HD74AC273 Datasheet
118Kb / 8P
Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com