Electronic Components Datasheet Search
  English  ▼

X  

NTS260ESF Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTS260ESF
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS260ESF Datasheet(HTML) 2 Page - ON Semiconductor

  NTS260ESF Datasheet HTML 1Page - ON Semiconductor NTS260ESF Datasheet HTML 2Page - ON Semiconductor NTS260ESF Datasheet HTML 3Page - ON Semiconductor NTS260ESF Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NTS260ESF, NRVTS260ESF
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
Average Rectified Forward Current
(TL = TBD°C)
IO
2.0
A
Peak Repetitive Forward Current
(Square Wave, 20 kHz, TL = TBD°C)
IFRM
4.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
25
A
Storage and Operating Junction Temperature Range (Note 1)
Tstg, TJ
−65 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
YJCL
24.4
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
85
°C/W
Thermal Resistance, Junction−to−Ambient (Note 3)
RqJA
330
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 4)
(IF = 1.0 A, TJ = 25°C)
(IF = 2.0 A, TJ = 25°C)
(IF = 1.0 A, TJ = 125°C)
(IF = 2.0 A, TJ = 125°C)
VF
0.55
0.65
0.47
0.58
V
Maximum Instantaneous Reverse Current (Note 4)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
12
3
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Mounted with 700 mm2 copper pad size (Approximately 1 in2) 1 oz FR4 Board.
3. Mounted with pad size approximately 20 mm2 copper, 1 oz FR4 Board.
4. Pulse Test: Pulse Width
≤ 380 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com