Electronic Components Datasheet Search
  English  ▼

X  

Z90130 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z90130
Description  40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90130 Datasheet(HTML) 8 Page - Zilog, Inc.

  Z90130 Datasheet HTML 1Page - Zilog, Inc. Z90130 Datasheet HTML 2Page - Zilog, Inc. Z90130 Datasheet HTML 3Page - Zilog, Inc. Z90130 Datasheet HTML 4Page - Zilog, Inc. Z90130 Datasheet HTML 5Page - Zilog, Inc. Z90130 Datasheet HTML 6Page - Zilog, Inc. Z90130 Datasheet HTML 7Page - Zilog, Inc. Z90130 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Z90110/120/130
CP95TEL1300
P R E L I M I N A R Y
AC CHARACTERISTICS
T
A=0° C to +70° C; VCC=+4.5V to +5.5V; FOSC=4 MHz
No
Symbol
Parameter
Min
Max
Unit
1
TpC
Input Clock Period
250
1000
n s
2
TrC,TfC
Clock Input Rise and Fall
1 5
n s
3
TwC
Input Clock Width
7 0
n s
4
TwTinL
Timer Input Low Width
7 0
n s
5
TwTinH
Timer Input High Width
3TpC
6
TpTin
Timer Input Period
8TpC
7
TrTin,TfTin
Timer Input Rise and Fall
100
n s
8 a
TwIL
Int Req Input Low
7 0
n s
8 b
TwIL
3TpC
9
TwIH
Int Request Input High
3TpC
1 0
TdPOR
Power On Reset Delay
2 5
100
m s
1 1
TdLVIRES
Low Voltage Detect to
200
n s
Internal RESET Condition
1 2
TwRES
Reset Minimum Width
5TpC
1 3
TdHsOI
H
sync Start to Vosc Stop
2TpV
3TpV
1 4
TdHsOh
H
sync End to Vosc Start
1TpV
1 5
TdWDT
WDT Refresh Time
1 2
m s
Note:
Refer to DC Characteristics for details on switching levels.
© 1995 by Zilog, Inc. All rights reserved. No part of this document
may be copied or reproduced in any form or by any means
without the prior written consent of Zilog, Inc. The information in
this document is subject to change without notice. Devices sold
by Zilog, Inc. are covered by warranty and patent indemnification
provisions appearing in Zilog, Inc. Terms and Conditions of Sale
only. Zilog, Inc. makes no warranty, express, statutory, implied or
by description, regarding the information set forth herein or
regarding the freedom of the described devices from intellectual
property infringement. Zilog, Inc. makes no warranty of mer-
chantability or fitness for any purpose. Zilog, Inc. shall not be
responsible for any errors that may appear in this document.
Zilog, Inc. makes no commitment to update or keep current the
information contained in this document.
Zilog’s products are not authorized for use as critical compo-
nents in life support devices or systems unless a specific written
agreement pertaining to such intended use is executed between
the customer and Zilog prior to use. Life support devices or
systems are those which are intended for surgical implantation
into the body, or which sustains life whose failure to perform,
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
FAX 408 370-8056
Internet: //www.zilog.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com