Electronic Components Datasheet Search
  English  ▼

X  

Z90203 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z90203
Description  TELEVISION CONTROLLERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90203 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z90203 Datasheet HTML 1Page - Zilog, Inc. Z90203 Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
245
Z90209/203/202
Z90209/203/202
TELEVISION CONTROLLERS
FEATURES
The Z9020X Family of Digital Television Controllers are
cost-effective members of the Z8® single-chip
microcontroller family. The devices provides an ideal
performance and reliability solution for consumer and
industrial television applications.
The Z90209 is the ROMless In-Circuit Emulation (ICE )Chip
version of the Z90200 Digital Television Controller Family
used in emulators and development boards.
The device features an 8-bit internal data path controlled
by a Z8 microcontroller, On-Screen Display (OSD) logic
circuits, and Pulse Width Modulators (PWM). On-chip
peripherals include two register mapped I/O ports (Ports 2
and Port 3), interrupt control logic (one software, two
external and three internal interrupts) and a standby mode
recovery input port (Port 3, pin P30).
The OSD control circuits support ten rows by 24 columns
of characters. The character color is specified by character.
The OSD inter-row spacing is variable and can be
programmed from 0 to 15 horizontal scan lines. The OSD
is capable of displaying high resolution (14 x18 dot pattern)
characters.
A 14-bit PWM port provides enough voltage resolution for
a voltage synthesizer tuning system. Ten 8-bit PWM ports
are used for controlling audio signal levels to vary picture
levels.
Three basic address spaces, The Program Memory, Video
RAM, and Register File, support a wide range of memory
configurations.
For applications demanding powerful I/O capabilities, the
Z9020X's dedicated input and output lines are grouped
into three ports, and are configurable under software
control to provide timing, status signals, parallel I/O and an
address/data bus for interfacing to external memory.
To unburden the program from coping with the real-time
problems such as counting/timing and data communication,
the Z9020X offers two on-chip counter/timers with a large
number of user selectable modes.
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.:
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
ROM
RAM*
Speed
Package
s
Part
(KB)
(Kbyte)
(MHz)
Type
Z90209
16
236
6
124-Pin PGA
Z90203
16
236
6
42-Pin SDIP
Z90202
8
236
6
42-Pin SDIP
*General-Purpose
s
4.5V to 5.5V Operating Range
s
0
°C to +70°C Temperature Range
s
Low-Power Consumption
s
On-Screen Display (OSD) Logic Circuits
s
One 14-Bit and One 108-Bit Pulse Width Modulator
(PWM) Circuits
s
20 Input/Output Lines
s
Program Memory, Video RAM, and Register File
Address Spaces
s
Two On-Chip Counter/Timers
GENERAL DESCRIPTION


Similar Part No. - Z90203

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
Z9020-00 HARWIN-Z9020-00 Datasheet
46Kb / 1P
TOP AND BOTTOM TOOL SET
logo
Zilog, Inc.
Z9020900TSC ZILOG-Z9020900TSC Datasheet
317Kb / 19P
eZVision 200 Television Controllers with OSD
Z9020900TSC ZILOG-Z9020900TSC Datasheet
518Kb / 97P
Z90255 ROM and Z90251 OTP 32 KB Television Controller with OSD
More results

Similar Description - Z90203

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
Z8 DIGITAL TELEVISION CONTROLLERS
Z90251 ZILOG-Z90251 Datasheet
317Kb / 19P
eZVision 200 Television Controllers with OSD
logo
List of Unclassifed Man...
EA50 ETC2-EA50 Datasheet
86Kb / 2P
TELEVISION DIODE
logo
Zilog, Inc.
Z9023106FSC ZILOG-Z9023106FSC Datasheet
328Kb / 19P
eZVision 200 Television Controllers with OSD
logo
Toshiba Semiconductor
28ZD06B TOSHIBA-28ZD06B Datasheet
5Mb / 22P
COLOUR TELEVISION
2000
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
Color Television
2005
29VH14P TOSHIBA-29VH14P Datasheet
5Mb / 70P
COLOUR TELEVISION
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
COLOR TELEVISION
Jun. 2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com