Electronic Components Datasheet Search
  English  ▼

X  

Z90202 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z90202
Description  TELEVISION CONTROLLERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90202 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z90202 Datasheet HTML 1Page - Zilog, Inc. Z90202 Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
246
Z90209/203/202
GENERAL DESCRIPTION
(Continued)
Functional Block Diagram
Counter
Timer
Counter
Timer
16K Byte
Program ROM
Oscillator
WDT
RESET
3-Bit
ADC
Z8 CPU
Core
Port 2
256 Byte
Register File
Port 4
On-Screen
Display
240 x 11-Bit
and
10 x 8-Bit
Character
RAM
9K x 7-Bit
Character
ROM
P20
P21
P22
P23
P24
P25
P26
P27
OSDX1
OSDX2
HSYNC
VSYNC
R
G
B
VBLANK
XTAL1
XTAL2
/RESET
ADC0
P30
P31
P34
IR
Counter
IR
Counter
Port 3
ADC1
ADC2
ADC3
IRIN
P35
PWM 11
(14-Bit)
PWM 1
to
PWM 10
(8-Bit)
PWM11
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
PWM8
PWM9
PWM10
P40
P41
P42
P43
P44
P45
P46
P47



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com