Electronic Components Datasheet Search
  English  ▼

X  

Z87100 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z87100
Description  Wireless Transmitter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87100 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z87100 Datasheet HTML 9Page - Zilog, Inc. Z87100 Datasheet HTML 10Page - Zilog, Inc. Z87100 Datasheet HTML 11Page - Zilog, Inc. Z87100 Datasheet HTML 12Page - Zilog, Inc. Z87100 Datasheet HTML 13Page - Zilog, Inc. Z87100 Datasheet HTML 14Page - Zilog, Inc. Z87100 Datasheet HTML 15Page - Zilog, Inc. Z87100 Datasheet HTML 16Page - Zilog, Inc. Z87100 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Z87100
Zilog
Wireless Transmitter
DS96WRL0700
P R E L I M I N A R Y
3-13
3
PORT Configuration Register (PCON). The PORT Con-
figuration Register (PCON) configures the ports to support
comparator output on Port 3, low EMI noise on Ports 2 and
3, and low EMI noise oscillator. The PCON Register is lo-
cated in the Expanded Register File at bank F, location 00
(Figure 7). Bit 0 controls the comparator use in Port 3. A 1
in this location brings the comparator output to P35 (Figure
9), and a 0 releases the port to its standard I/O configura-
tion. Bits 5 and 6 of this register configure ports 2 and 3,
respectively, for low EMI operation. A 1 in these locations
configures the corresponding port for standard operation,
and a 0 configures the port for low EMI operation. Finally,
bit 7 of the PCON Register controls the low EMI noise os-
cillator. A 1 in this location configures the oscillator with
standard drive, while a 0 configures the oscillator with low
noise drive.
Low EMI Option. The Z87100 can be programmed to op-
erate in a low EMI emission mode by the PCON register.
The RC oscillator and all I/O ports can be programmed as
low EMI emission mode independently. Use of this feature
results in:
s
Less than 1 mA current consumption during the HALT
mode.
s
The pre-drivers slew rate reduced to10 ns typical.
s
Low EMI output drivers have resistance of 200 ohms
(typical).
s
Internal SLCK/TCLK operation limited to a maximum of
4 MHz (250 ns cycle time).
With bit 7 of the PCON register, the gain of the RC oscilla-
tor may be selected: standard gain is intended for high per-
formance, high speed circuits, while the low gain option is
intended for low speed, low EMI, and low current con-
sumption applications.
Comparator Inputs. Port 3, P31 has a comparator front
end where the comparator reference voltage is provided
by P33. In analog mode, the P33 input functions as a ref-
erence voltage to the comparators. The internal P33 regis-
ter and its corresponding IRQ1 are connected to the Stop-
Mode Recovery source selected by the SMR. In this mode,
any of the Stop-Mode Recovery sources are used to toggle
the P33 bit or generate IRQ1. In digital mode, P33 can be
used as a P33 register input or IRQ1 source (Figure 9).
When P3M is programmed for analog inputs on port 3 (Bit
D1=1) that power to the comparator is on and the current
used is 300
µA if V
REF is VCC, and , 50 µA if VREF is VDD.
When comparator is digital (Bit D1=0) the comparator is
off.
Figure 9. PORT Configuration Register (PCON)
D7
D6
D5
D4
D3
D2
D1
D0
Comparator
Output PORT 3
0 P35 Standard Output
*
1 P35 Comparator Output
Low EMI Noise **
PORT 3
0 Low EMI Noise
1 Standard
*
Low EMI Noise **
PORT 2
0 Low EMI Noise
1 Standard
*
Reserved (Must be 1)
PCON (F) 00
Low EMI RC Oscillator **
0 Low EMI Noise
1 Standard
*
* Default Setting After Power-On Reset Only.
** Will not be reset after a Stop-Mode Recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com