Electronic Components Datasheet Search
  English  ▼

X  

Z86L33 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86L33
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L33 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86L33 Datasheet HTML 8Page - Zilog, Inc. Z86L33 Datasheet HTML 9Page - Zilog, Inc. Z86L33 Datasheet HTML 10Page - Zilog, Inc. Z86L33 Datasheet HTML 11Page - Zilog, Inc. Z86L33 Datasheet HTML 12Page - Zilog, Inc. Z86L33 Datasheet HTML 13Page - Zilog, Inc. Z86L33 Datasheet HTML 14Page - Zilog, Inc. Z86L33 Datasheet HTML 15Page - Zilog, Inc. Z86L33 Datasheet HTML 16Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Z86L33/L43
CP96LVO1501
AC ELECTRICAL CHARACTERISTICS
Additional Timing Table (Divide-By-One Mode, SCLK/TCLK = XTAL)
T
A = 0°C to +70°C
V
CC
4 MHz
No
Symbol
Parameter
Note [6]
Min
Max
Units
Notes
1
TpC
Input Clock Period
2.0V
250
DC
ns
[1,7,8]
3.9V
250
DC
ns
[1,7,8]
2
TrC,TfC
Clock Input Rise & Fall Times
2.0V
25
ns
[1,7,8]
3.9V
25
ns
[1,7,8]
3
TwC
Input Clock Width
2.0V
125
ns
[1,7,8]
3.9V
125
ns
[1,7,8]
4
TwTinL
Timer Input Low Width
2.0V
100
ns
[1,7,8]
3.9V
70
ns
[1,7,8]
5
TwTinH
Timer Input High Width
2.0V
3TpC
[1,7,8]
3.9V
3TpC
[1,7,8]
6
TpTin
Timer Input Period
2.0V
4TpC
[1,7,8]
3.9V
4TpC
[1,7,8]
7
TrTin,
Timer Input Rise & Fall Timer
2.0V
100
ns
[1,7,8]
TfTin
3.9V
100
ns
[1,7,8]
8A
TwIL
Int. Request Low Time
2.0V
100
ns
[1,2,7,8]
3.9V
70
ns
[1,2,7,8]
8B
TwIL
Int. Request Low Time
2.0V
3TpC
[1,3,7,8]
3.9V
3TpC
[1,3,7,8]
9
TwIH
Int. Request Input High Time
2.0V
3TpC
[1,2,7,8]
3.9V
3TpC
[1,2,7,8]
10
Twsm
STOP Mode Recovery Width Spec 2.0V
12
ns
[4,8]
3.9V
12
ns
[4,8]
11
Tost
Oscillator Startup Time
2.0V
5TpC
[4,8,9]
3.9V
5TpC
[4,8,9]
Notes:
[1] Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
[2] Interrupt request via Port 3 (P31-P33).
[3] Interrupt request via Port 3 (P30).
[4] SMR-D5 = 1, POR STOP Mode Delay is on.
[5] Reg. WDTMR.
[6] V
CC = 2.0V to 3.9V.
[7] SMR D1 = 0.
[8] Maximum frequency for internal system clock is 4 MHz when
using XTAL divide-by-one mode.
[9] For RC and LC oscillator, and for oscillator driven by clock driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com