Electronic Components Datasheet Search
  English  ▼

X  

Z86L75 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86L75
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L75 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86L75 Datasheet HTML 1Page - Zilog, Inc. Z86L75 Datasheet HTML 2Page - Zilog, Inc. Z86L75 Datasheet HTML 3Page - Zilog, Inc. Z86L75 Datasheet HTML 4Page - Zilog, Inc. Z86L75 Datasheet HTML 5Page - Zilog, Inc. Z86L75 Datasheet HTML 6Page - Zilog, Inc. Z86L75 Datasheet HTML 7Page - Zilog, Inc. Z86L75 Datasheet HTML 8Page - Zilog, Inc. Z86L75 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-3
1
Note: All Signals with a preceding front slash, "/", are ac-
tive Low, for example, B//W (WORD is active Low); /B/W
(BYTE is active Low, only).
Power connections follow conventional descriptions be-
low:
Figure 2. Functional Block Diagram
Port 0
P00
P07
P31
P32
P33
Port 3
Register File
144/256 x 8-bit
ROM
2K/4K/8K x 8
Z8 Core
Register Bus
Internal
Address Bus
Internal Data Bus
Expanded
Register
File
Expanded
Register Bus
Counter/Timer 8
8-Bit
Counter/Timer 16
16-Bit
Power
VDD
VSS
P34
P35
P36
2
P20
P21
P22
P23
P24
P25
P26
P27
Port 2
I/O Bit
Programmable
Machine
Timing
&
Instruction
Control
XTAL2
XTAL1
Two Analog
Comparators
Interrupt Control
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com