Electronic Components Datasheet Search
  English  ▼

X  

Z86L78 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86L78
Description  IR/Low-Voltage Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L78 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86L78 Datasheet HTML 1Page - Zilog, Inc. Z86L78 Datasheet HTML 2Page - Zilog, Inc. Z86L78 Datasheet HTML 3Page - Zilog, Inc. Z86L78 Datasheet HTML 4Page - Zilog, Inc. Z86L78 Datasheet HTML 5Page - Zilog, Inc. Z86L78 Datasheet HTML 6Page - Zilog, Inc. Z86L78 Datasheet HTML 7Page - Zilog, Inc. Z86L78 Datasheet HTML 8Page - Zilog, Inc. Z86L78 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
Z86L78
IR/Low-Voltage Microcontroller
Zilog
2-2
DS97LVO0701
GENERAL DESCRIPTION (Continued)
The Register File is composed of 256 bytes of RAM, and it
includes four I/O port registers, 16 control and status reg-
isters and the rest are General-Purpose registers. The Ex-
tended Data RAM adds 256 bytes of usable general-pur-
pose registers. The Expanded Register File consists of
two additional register groups (F and D).
To unburden the system from coping with real-time tasks,
such as generating complex waveforms or receiving and
demodulating complex waveform/pulses, the Z86L78 of-
fers an innovative intelligent counter/timer architecture
with 8-bit and 16-bit counter/timers (Figure 1). Additionally,
the Z86L78 features a large number of user-selectable
modes, and two on-board comparators to process analog
signals with separate reference voltages (Figure 2).
Notes: Signals with a preceding front slash, "/", are active
Low, for example, B//W (WORD is active Low); /B/W
(BYTE is active Low, only).
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Counter/Timer Block Diagram
HI16
LO16
16-Bit
T16
TC16H
TC16L
HI8
LO8
And/Or
Logic
Clock
Divider
Glitch
Filter
Edge
Detect
Circuit
8-Bit
T8
TC8H
TC8L
8
8
16
8
Input
SCLK
1
2 48
Timer 16
Timer 8/16
Timer 8
8
8
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com