Electronic Components Datasheet Search
  English  ▼

X  

Z87010 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z87010
Description  Audio Encoder/Decoders
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87010 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z87010 Datasheet HTML 14Page - Zilog, Inc. Z87010 Datasheet HTML 15Page - Zilog, Inc. Z87010 Datasheet HTML 16Page - Zilog, Inc. Z87010 Datasheet HTML 17Page - Zilog, Inc. Z87010 Datasheet HTML 18Page - Zilog, Inc. Z87010 Datasheet HTML 19Page - Zilog, Inc. Z87010 Datasheet HTML 20Page - Zilog, Inc. Z87010 Datasheet HTML 21Page - Zilog, Inc. Z87010 Datasheet HTML 22Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Z87010/Z87L10
Zilog
Audio Encoder/Decoders
DS96WRL0601
P R E L I M I N A R Y
2-19
2
Figure 13. CODEC Interface Control Register
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
SCLK Prescaler (up-counter)
EXT7-1
SCLK/FSYNC Ratio Prescaler (up-counter)
CODEC Mode
01 Reserved
10 Reserved
11 Reserved
FSYNC
0 External Source*
1 Internal Source
CODEC 0 Disable/Enable
0 = Disable*
1 = Enable
Note: The timer is an up-counter.
Example: EXT7-1 = #%x00D
OSC = 12.288 MHz, SCLK = 2.048 MHz, FSYNC = 8 kHz
EXT7-1 = #%x80F
OSC = 12.288 MHz, SCLK = 6.144 MHz, FSYNC = 48 kHz
EXT7-1 = #%xFFx
No interrupt
EXT7-1 = #%x000
Max interrupt period (667
µs for OSC = 12.288 MHz)
* Default
Figure 14. Wait/State/CODEC Interface Control Register
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
EXT7-2
Wait State EXT0
Wait State EXT1
Wait State EXT2
Wait State EXT3
Wait State EXT4
Wait State EXT5
Wait State EXT6
SCLK
0
External Source*
1
Internal Source
CODEC 1 Disable/Enable
0 = Disable*
1 = Enable
nws - no wait states
ws - one wait states
00 no wait states (nws)
01 read (nws), write (ws)
10 read (ws), write (nws)
11 read (ws), write (ws)
*Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com