Electronic Components Datasheet Search
  English  ▼

X  

HA2R2000B Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # HA2R2000B
Description  PCI Cards protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA2R2000B Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  HA2R2000B Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA2R2000B Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HA2R2000B Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(Ø5.5x6mm)
4 Electrical Characteristics
continued
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
GΩ
10 Times
1 Time
A
PF
HA2R1500B
1500±20%
<2200
≤ 2500
>1
3KA
5KA
3
≤1
HA2R2000B
2000±20%
<2600
≤ 3000
>1
3KA
5KA
3
≤1
HA2R2500B
2500±20%
<3200
≤ 3500
>1
3KA
5KA
3
≤1
HA2R3000B
3000±20%
<3800
≤ 4000
>1
3KA
5KA
3
≤1
HA2R3600B
3600±20%
<4500
≤ 4700
>1
3KA
5KA
3
≤1
HA2R4000B
4000±20%
<5300
≤ 5500
>1
3KA
5KA
3
≤1
Packing Quantity : 100PCS
Gas Discharge Tube
Cross Reference List (Ø5.5x6mm)
HUAAN
Gas Discharge Tube
Part Number
Cross Reference
Littelfuse
Gas Discharge Tube
Part Number
Bourns
Gas Discharge Tube
Part Number
TDK EPCOS
Surge Arrester
Part Number
HA2R75B
-
2057-07- BLF
HA2R90B
-
2057-09- BLF
EM90X
B88069X0190S102
B88069X0190T502
HA2R150B
-
2057-15- BLF
HA2R230B
-
2057-23- BLF
EM230X
B88069X0900S102
B88069X0900T502
HA2R250B
-
2057-25- BLF
HA2R300B
-
2057-30- BLF
HA2R350B
-
2057-35- BLF
EM350XG
B88069X0980T502
EM350X
B88069X0590S102



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com