Electronic Components Datasheet Search
  English  ▼

X  

Z86K18 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86K18
Description  CMOS Z8 8-Bit MCU Keyboard Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86K18 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86K18 Datasheet HTML 1Page - Zilog, Inc. Z86K18 Datasheet HTML 2Page - Zilog, Inc. Z86K18 Datasheet HTML 3Page - Zilog, Inc. Z86K18 Datasheet HTML 4Page - Zilog, Inc. Z86K18 Datasheet HTML 5Page - Zilog, Inc. Z86K18 Datasheet HTML 6Page - Zilog, Inc. Z86K18 Datasheet HTML 7Page - Zilog, Inc. Z86K18 Datasheet HTML 8Page - Zilog, Inc. Z86K18 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Z86K13/K14/K15/K16/K17/K18
CMOS Z8® 8-Bit MCU Keyboard Controllers
Zilog
2
P R E L I M I N A R Y
DS97KEY0204
GENERAL DESCRIPTION (Continued)
Notes: All signals with a preceding front slash, “/”, are
active Low. For example, B//W (WORD is active Low);
/B/W (BYTE is active Low, only). Power connections follow
conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
Figure 1. Z86KXX Functional Block Diagram
Port 3
Interrupt
Control
Port 2
I/O
(Bit Programmable)
ALU
Flags
Register
Pointer
Machine
Timing & Inst.
Control
Program
Counter
GND
Output Input
Port 0
Port 1
Open-Drain
Output
Open-Drain
Output
WDT
POR
Input
4
4
4
8
8
Counter/
Timers
USB SIE
and Trans
Register File
208 x 8-Bytes
Program
Memory
4 KB ROM
VCC
D+
D-
3.3 V
VR
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com