Electronic Components Datasheet Search
  English  ▼

X  

Z86E40 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86E40
Description  Z8 4K OTP Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E40 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86E40 Datasheet HTML 9Page - Zilog, Inc. Z86E40 Datasheet HTML 10Page - Zilog, Inc. Z86E40 Datasheet HTML 11Page - Zilog, Inc. Z86E40 Datasheet HTML 12Page - Zilog, Inc. Z86E40 Datasheet HTML 13Page - Zilog, Inc. Z86E40 Datasheet HTML 14Page - Zilog, Inc. Z86E40 Datasheet HTML 15Page - Zilog, Inc. Z86E40 Datasheet HTML 16Page - Zilog, Inc. Z86E40 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Z86E30/E31/E40
Zilog
Z8 4K OTP Microcontroller
DS97Z8X0500
P R E L I M I N A R Y
13
1
CAPACITANCE
TA = 25°C, VCC = GND = 0V, f = 1.0 MHz; unmeasured pins returned to GND.
DC ELECTRICAL CHARACTERISTICS
Parameter
Min
Max
Input capacitance
0
12 pF
Output capacitance
0
12 pF
I/O capacitance
0
12 pF
TA= 0 °C to +70 °C
Sym
Parameter
VCC
Note [3]
Min
Max
Typical
@ 25
°C Units
Conditions
Notes
VCH
Clock Input High
Voltage
3.5V
5.5V
0.7 VCC
0.7 VCC
VCC+0.3
VCC+0.3
1.8
2.5
V
V
Driven by External
Clock Generator
VCL
Clock Input Low
Voltage
3.5V
4.5V
GND-0.3
GND-0.3
0.2 VCC
0.2 VCC
0.9
1.5
V
V
Driven by External
Clock Generator
VIH
Input High Voltage
3.5V
5.5V
0.7 VCC
0.7 VCC
VCC+0.3
VCC+0.3
2.5
2.5
V
V
VIL
Input Low Voltage
3.5V
5.5V
GND-0.3
GND-0.3
0.2 VCC
0.2 VCC
1.5
1.5
V
V
VOH
Output High Voltage
Low EMI Mode
3.5V
5.5V
VCC–0.4
VCC -0.4
3.3
4.8
V
V
IOH = – 0.5 mA
VOH1
Output High Voltage
3.5V
5.5V
VCC–0.4
VCC–0.4
3.3
4.8
V
V
IOH = -2.0 mA
IOH = -2.0 mA
VOL
Output Low Voltage
Low EMI Mode
3.5V
4.5V
0.4
0.4
0.2
0.2
V
V
IOL = 1.0 mA
IOL = 1.0 mA
VOL1
Output Low Voltage
3.5V
4.5V
0.4
0.4
0.1
0.1
V
V
IOL = + 4.0 mA
IOL = + 4.0 mA
8
8
VOL2
Output Low Voltage
3.5V
4.5V
1.2
1.2
0.5
0.5
V
V
IOL = + 12 mA
IOL = + 12 mA
8
8
VRH
Reset Input High
Voltage
3.5V
5.5V
.8 VCC
.8 VCC
VCC
VCC
1.7
2.1
V
V
VRL
Reset Input Low
Voltage
3.5V
5.5V
GND –0.3
GND –0.3
0.2 VCC
0.2 VCC
1.3
1.7
V
V
13
VOLR
Reset Output Low
Voltage
3.5V
5.5V
0.6
0.6
0.3
0.2
V
V
IOL = 1.0 mA
IOL = 1.0 mA
VOFFSET Comparator Input
Offset Voltage
3.5V
4.5V
25
25
10
10
mV
mV
VICR
Input Common Mode
Voltage Range
3.5V
5.5V
0
0
VCC -1.0V
VCC -1.0V
V
V
10
10
IIL
Input Leakage
3.5V
4.5V
–1
–1
2
2
0.032
0.032
µA
µA
VIN = 0V, VCC
VIN = 0V, VCC
IOL
Output Leakage
3.5V
4.5V
–1
-1
2
2
0.032
0.032
µA
µA
VIN = 0V, VCC
VIN = 0V, VCC
IIR
Reset Input Current
3.5V
4.5V
–20
–20
–130
–180
–65
–112
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com