Electronic Components Datasheet Search
  English  ▼

X  

Z86E63 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86E63
Description  CMOS Z8 16K/32K EPROM MICROCONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E63 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86E63 Datasheet HTML 9Page - Zilog, Inc. Z86E63 Datasheet HTML 10Page - Zilog, Inc. Z86E63 Datasheet HTML 11Page - Zilog, Inc. Z86E63 Datasheet HTML 12Page - Zilog, Inc. Z86E63 Datasheet HTML 13Page - Zilog, Inc. Z86E63 Datasheet HTML 14Page - Zilog, Inc. Z86E63 Datasheet HTML 15Page - Zilog, Inc. Z86E63 Datasheet HTML 16Page - Zilog, Inc. Z86E63 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
Z86E61/E63 Z8® MCU
WITH
16K/32K EPROM
PRELIMINARY
access registers directly or indirectly through an 8-bit
address field. The Z86E61/E63 also allows short 4-bit
register addressing using the Register Pointer (Figure 14).
In the 4-bit mode, the Register File is divided into 16
working register groups, each occupying 16 continuous
locations. The Register Pointer addresses the starting
location of the active working register group.
Stack. The Z86E61/E63 has a 16-bit Stack Pointer (R255-
R254) used for external stacks that reside anywhere in the
data memory for the ROMless mode, but only from 16384
(E61) or 32768 (E63) to 65535 in the EPROM mode. An
8-bit Stack Pointer (R255) is used for the internal stack that
resides within the 236 general-purpose registers (R239-
R4). The high byte of the Stack Pointer (SPH Bits 15-8) can
be use as a general purpose register when using internal
stack only.
12
11
10
9
8
7
6
5
4
3
2
1
0
External
ROM and RAM
Location of
First Byte of
Instruction
Executed
After RESET
Interrupt
Vector
(Lower Byte)
Interrupt
Vector
(Upper Byte)
IRQ5
IRQ4
IRQ4
IRQ3
IRQ3
IRQ2
IRQ2
IRQ1
IRQ1
IRQ0
IRQ0
IRQ5
65535
On-Chip PROM
16384 (E61)
32768 (E63)
16383 (E61)
32767 (E63)
Figure 11. Program Memory Configuration
Data Memory (/DM). The EPROM version can address up
to 48 Kbytes (E61) or 32 Kbytes (E63) of external data
memory space beginning at location 16384 (E61) or 32768
(E63). The ROMless version can address up to 64 Kbytes
of external data memory. External data memory may be
included with, or separated from, the external program
memory space. /DM, an optional I/O function that can be
programmed to appear on pin P34, is used to distinguish
between data and program memory space (Figure 12).
The state of the /DM signal is controlled by the type
instruction being executed. An LDC opcode references
PROGRAM (/DM inactive) memory, and an LDE instruction
references DATA (/DM active Low) memory.
Register File. The register file consists of four I/O port
registers, 236 general-purpose registers, and 16 control
and status registers (Figure 13). The instructions can
65535
16383 (E61)
32767 (E63)
0
External
Data
Memory
Not Addressable
32768 (E63)
16384 (E61)
Figure 12. Data Memory Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com