Electronic Components Datasheet Search
  English  ▼

X  

Z86E73 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86E73
Description  OTP IR Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E73 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86E73 Datasheet HTML 9Page - Zilog, Inc. Z86E73 Datasheet HTML 10Page - Zilog, Inc. Z86E73 Datasheet HTML 11Page - Zilog, Inc. Z86E73 Datasheet HTML 12Page - Zilog, Inc. Z86E73 Datasheet HTML 13Page - Zilog, Inc. Z86E73 Datasheet HTML 14Page - Zilog, Inc. Z86E73 Datasheet HTML 15Page - Zilog, Inc. Z86E73 Datasheet HTML 16Page - Zilog, Inc. Z86E73 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
PRELIMINARY
Z86E73/E74/L73/L74
CP95LVO0801
AC CHARACTERISTICS (Z86L73/L74)
External I/O or Memory Read and Write Timing Table
T
A = 0°C to +70°C
V
CC
8.0 MHz
No.
Symbol
Parameter
Note [3]
Min
Max
Units
Notes
1
TdA(AS)
Address Valid to
2.0V
55
ns
[2]
/AS Rising Delay
3.9V
55
ns
2
TdAS(A)
/AS Rising to Address
2.0V
70
ns
[2]
Float Delay
3.9V
70
ns
3
TdAS(DR)
/AS Rising to Read
2.0V
400
ns
[1, 2]
Data Required Valid
3.9V
400
ns
4
TwAS
/AS Low Width
2.0V
80
ns
[2]
3.9V
80
ns
5
Td
Address Float to
2.0V
0
ns
/DS Falling
3.9V
0
ns
6
TwDSR
/DS (Read) Low Width
2.0V
300
ns
[1, 2]
3.9V
300
ns
7
TwDSW
/DS (Write) Low Width
2.0V
165
ns
[1, 2]
3.9V
165
ns
8
TdDSR(DR)
/DS Falling to Read
2.0V
260
ns
[1, 2]
Data Required Valid
3.9V
260
ns
9
ThDR(DS)
Read Data to
2.0V
0
ns
[2]
/DS Rising Hold Time
3.9V
0
ns
10
TdDS(A)
/DS Rising to Address
2.0V
85
ns
[2]
Active Delay
3.9V
95
ns
11
TdDS(AS)
/DS Rising to /AS
2.0V
60
ns
[2]
Falling Delay
3.9V
70
ns
12
TdR/W(AS)
R//W Valid to /AS
2.0V
70
ns
[2]
Rising Delay
3.9V
70
ns
13
TdDS(R/W)
/DS Rising to
2.0V
70
ns
[2]
R//W Not Valid
3.9V
70
ns
14
TdDW(DSW)
Write Data Valid to /DS
2.0V
80
ns
[2]
Falling (Write) Delay
3.9V
80
ns
15
TdDS(DW)
/DS Rising to Write
2.0V
70
ns
[2]
Data Not Valid Delay
3.9V
80
ns
16
TdA(DR)
Address Valid to Read
2.0V
475
ns
[1, 2]
Data Required Valid
3.9V
475
ns
17
TdAS(DS)
/AS Rising to
2.0V
100
ns
[2]
/DS Falling Delay
3.9V
100
ns
18
TdDM(AS)
/DM Valid to /AS
2.0V
55
ns
[2]
Falling Delay
3.9V
55
ns
19
TdDS(DM)
/DS Rise to
2.0V
70
ns
/DM Valid Delay
3.9V
70
ns
20
ThDS(A)
/DS Rise to Address
2.0V
70
ns
Valid Hold Time
3.9V
70
ns
Notes:
[1]
When using extended memory timing add 2 TpC.
[2]
Timing numbers given are for minimum TpC.
[3]
2.0V to 3.9V.
Standard Test Load.
All timing references use 0.9 V
CC for a logic 1 and 0.1 VCC for a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com